Electronic Components Datasheet Search
  English  ▼

X  

IL356 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # IL356
Description  HIGH VOLTAGE SOLID STATE RELA OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL356 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  IL356 Datasheet HTML 1Page - Siemens Semiconductor Group IL356 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5–114
FEATURES
• Normally Open, Single Pole Single Throw
Operation
• Control 400 VAC or DC Voltage
• Switch 100 mA Loads
• Low ON-Resistance
• dv/dt, > 500 V/ms
• Input and Output Isolation Voltage, 2500 VRMS
• Current Limiting
• Low Profile: Thickness=0.080 Inches
Applications
• Telephone Switch Hook
• Industrial Control Systems
• PCMCIA Card
DESCRIPTION
The IL356 is a single pole single throw (SPST), nor-
mally open (NO), solid state relay. The relay can con-
trol AC or DC loads currents up to 100 mA, with a
supply voltage up to 400 V. The device is packaged in
a eight pin 2 mm surface mount package. This pack-
age offers an insulation dielectric withstand of 2500
VRMS.
The coupler consists of an AlGaAs LED that is opti-
cally coupled to a dielectrically isolated photodiode
array which drives two series connected high voltage
MOS transistors. The typical ON-Resistance is 25 W at
25 mA lead current and is linear up to 50 mA. The
incremental resistance drops to less than 20 W
beyond 50 mA while reducing internal power dissipa-
tion at high load currents. There is built-in current limit-
ing circuitry in the detector chip.
Absolute Maximum Ratings (TA=25°C)
Emitter
Reverse Voltage ................................................... 5.0 V
Continuous Forward Current .............................. 60 mA
Peak Forward Current, Non-repetitive (1
µs)......0.25 A
Power Dissipation.............................................. 50 mW
Derate Linearly from 25
°C.......................... .66 mW/°C
Detector
Output Breakdown Voltage ...............................
±400 V
Continous Load Current .................................
±100 mA
Power Dissipation............................................ 300 mW
Derate Linearly from 25
°C........................... 5.8 mW/°C
Package
Input and Output Isolation Voltage.............. 2500 VRMS
Total Power Dissipation ................................... 350 mW
Derate Linearly from 25
°C........................... 5.3 mW/°C
Isolation Resistance
VIO=500 V, TA=25°C ....................................≥1012 Ω
VIO=500 V, TA=100°C ..................................≥1011 Ω
Storage Temperature Range ................. –40 to +150
°C
Operating Temperature Range................ –40 to +85
°C
Junction Temperature......................................... 100
°C
Soldering Temperature
2 mm from case, 10 sec. ................................ 260
°C
Electrical Specifications at 25
°C unless otherwise specified
Electrical Specifications continued on next page.
Input (Emitter)
Symbol Min.
Typ.
Max.
Units Condition
Forward Voltage
VF
1.15
1.26
1.45
V
IF=10 mA
Reverse Voltage
VR
5V
IR=10 µA
Capacitance
CLED
25
pF
VR=0
f=1 MHz
Output (S-S’)
Output Off-state
Leakage Current
ILKG
0.04
200
nA
IF=0 mA
VL=±100 V
1.0
µAIF=0 mA
VL=±400 V
OFF Resistance
ROFF
5000
G
Ω
ON-Resistance
RON
17
25
33
W
IF=1.5 mA
IL=±25 mA
Current Limit
ILMT
170
210
270
mA
IF=1.5 mA
t=5 ms
Output
Capacitance
C0
37
pF
IF=0 mA
VL=1 V
13
pF
IF=0 mA
VL=50 V
Switch Offset
0.25
µVIF=5 mA
Transfer Characteristics
LED Forward
Current,
Switch Turn-on
IFon
0.12
0.3
mA
IL=100 mA
t=10 ms
LED Forward
Current,
Switch Turn-off
IFoff
0.001 0.1
mA
VL=±350 V
t=100 ms
Package Dimensions in Inches (mm)
.346 (8.79)
.326 (8.3)
.224 (5.7)
.216 (5.5)
.230 (5.84)
.224 (5.69)
.083 (2.1)
.075 (1.9)
.016
(.41)
Typ.
.050
(1.27)
Typ.
.040 (1.02)
.036 (.91)
.301 (7.65)
.281 (7.14)
40
°
3
°–7°
.047 (1.19)
.037 (.94)
.017 (.43)
.013 (.33)
10
°
Typ.
All 8 sides
.006
(.15)
Pins 6 & 7
1
2
3
4
5
6
7
8
S'
S
N.C
N.C
A
K
Heat sink
do not
connect
Pin One ID
IL356
HIGH VOLTAGE SOLID STATE RELAY
OPTOCOUPLER
Preliminary Data Sheet


Similar Part No. - IL356

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL350 VISHAY-IL350 Datasheet
187Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
04-Jun-04
IL350 VISHAY-IL350 Datasheet
94Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
09-Nov-12
IL351 VISHAY-IL351 Datasheet
187Kb / 5P
Linear Optocoupler for Optical DAA in Telecommunications, High Performance
04-Jun-04
IL352 VISHAY-IL352 Datasheet
128Kb / 7P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
logo
List of Unclassifed Man...
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
More results

Similar Description - IL356

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1056 SIEMENS-LH1056 Datasheet
43Kb / 3P
HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1061AB SIEMENS-LH1061AB Datasheet
497Kb / 8P
High-Voltage, Solid-State Relay
LH1298 SIEMENS-LH1298 Datasheet
24Kb / 1P
HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1540 SIEMENS-LH1540 Datasheet
49Kb / 3P
HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
LH1550 SIEMENS-LH1550 Datasheet
36Kb / 3P
HIGH VOLTAGE, SOLID STATE RELAY OPTOCOUPLER
logo
COSMO Electronics Corp...
KAQW214 COSMO-KAQW214 Datasheet
420Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
logo
Siemens Semiconductor G...
LH1500-AT SIEMENS-LH1500-AT Datasheet
176Kb / 20P
High Voltage Solid State Relays
logo
COSMO Electronics Corp...
KCP1008 COSMO-KCP1008 Datasheet
409Kb / 2P
HIgh Voltage, Solid State Relay-MOSFET Output
KAQV212A COSMO-KAQV212A Datasheet
413Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
KAQW212 COSMO-KAQW212 Datasheet
415Kb / 2P
High Voltage, Solid State Relay-MOSFET Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com