Electronic Components Datasheet Search
  English  ▼

X  

IL356 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # IL356
Description  HIGH VOLTAGE SOLID STATE RELA OPTOCOUPLER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IL356 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  IL356 Datasheet HTML 1Page - Siemens Semiconductor Group IL356 Datasheet HTML 2Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5–115
IL356
Electrical Specifications (continued)
Figure 1. Timing test circuit
Figure 2. Timing waveform
Figure 3. LED forward current vs. forward voltage
Figure 4. Recommended operating conditions
Transfer
Characteristics
(continued)
Sym-
bol
Min.
Typ.
Max.
Units Condition
Input/Output
Capacitance
CISO
0.8
pF
VISO=1 V
Turn-on Time
ton
1.00
ms
IF=1.5 mA
IL=50 mA
0.3
1
ms
IF=5.0 mA
IL=50 mA
Turn-off Time
toff
0.20
ms
IF=1.5 mA
IL=50 mA
0.25
0.5
ms
IF=5.0 mA
IL=50 mA
1
2
4
3
8
6,7
5
NC
NC
NC
IF
+
–
50 V
1 k
Ω
IL
Control
Input
Switch
Output
90%
10%
tON
tOFF
tR≤1 µs
tR≤1 µs
IL
IF
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
20
40
60
80
100
120
VF- Input LED forward Voltage
25
°C
85
°C
80
60
40
20
0
-20
-40
0
40
80
120
Ambient Temperature in
°C
IF=0.3 ma
2 mA
1 mA
>3 ma
Figure 5. Change in current limit vs. temperature
Figure 6. Min. LED current, switch turn-ON vs. temp.
Figure 7. Change in ON resistance vs. temperature
Figure 8. Switching speed vs. LED current
80
60
40
20
0
-20
-40
-40
-30
-20
-10
0
10
20
30
40
Ambient Temperature in
°C
IF=5 mA, t=5 ms,
∆ILMT
normalized at 25
°C
80
60
40
20
0
-20
-40
-100
0
100
200
300
Ambient Temperature in
°C
IL=100 mA
NIFT normalized at 25
°C
80
60
40
20
0
-20
-40
-40
-30
-20
-10
0
10
20
30
40
50
Ambient temperature in
°C
IL=50 mA
∆R/R normalized @ 25°C
20
16
12
8
4
0
0.0
1.0
2.0
3.0
4.0
LED Current in mA
Ton
Toff
Ton & Toff normalized
at LED Current=2 mA
Ta=25
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com