Electronic Components Datasheet Search
  English  ▼

X  

HM6208 Datasheet(PDF) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6208
Description  Motor drive series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6208 Datasheet(HTML) 5 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6208 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
封装形式
SOP8:
D
A3
A1
A2 A
b
e
B
B
E
1
E
c
L1
L
0.25
b
b1
c1 c
BASE METAL
WITH PLATING
SECTIONB-B
版本更改说明:
1、 删除 DIP8 封装信息;
2、 绝对最大额定值表格中将输入高电平的上限值更改为 VCC;
3、 典型应用电路图中增加电源到地的电容。
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
--
--
1.77
A1
0.08
0.18
0.28
A2
1.20
1.40
1.60
A3
0.55
0.65
0.75
b
0.39
--
0.48
b1
0.38
0.41
0.43
c
0.21
--
0.26
c1
0.19
0.20
0.21
D
4.70
4.90
5.10
E
5.80
6.00
6.20
E1
3.70
3.90
4.10
e
1.27BSC
L
0.50
0.65
0.80
L1
1.05BSC
θ
0
--
8°
马达驱动器系列
HM6208



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com