Electronic Components Datasheet Search
  English  ▼

X  

HM6208 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6208
Description  Motor drive series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6208 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6208 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6208 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
马达驱动器系列
HM6208
马达驱动器系列
特性
● 低静态工作电流
● 宽电源电压范围:4.5V-15V
● 每通道连续电流输出能力
(典型值:100mA)
● 较低的饱和压降
● 输出具有正转、反转、刹车和高阻四种状态
● TTL/CMOS输出电平兼容,可直接连CPU
● 输出内置钳位二极管,适用于感性负载
● 控制和驱动集成于单片IC之中
● 具备管脚高压保护功能
● 抗静电能力:2000V(HBM)
● 工作温度范围:-20℃~+85℃
典型应用
描述
● HM6208 是为控制和驱动双向马达设计的专用集
成电路。该电路输入端兼容TTL/CMOS电平,具有良
好的抗干扰性;
● 内部逻辑控制电路可控制双向马达正转、反转和
刹车;
● 该电路功率管能通过典型值为100mA的持续电
流;
● 该电路内置的钳位二极管能释放感性负载的反向
冲击电流。
● 电源VCC端到地端需就近接10uF或以上电容,确保
VCC端电源稳定,避免电源端出现超过电路极限电压
的过冲导致电路失效。
● 双向马达驱动
●
摄像头滤光片 IR-CUT 驱动
典型应用电路图
订购信息
产品型号
封装
工作温度
HM6208
SOP8
-20
℃~+85℃
VCC
BOUT
GND
AOUT
NC
GND
BIN
AIN
1
2
3
4
8
7
6
5
M
AIN????
BIN????
VCC
GND
???
1
2
4
5
6
7
8
BOUT
AOUT
3
10uF


Similar Part No. - HM6208

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM6208H HITACHI-HM6208H Datasheet
64Kb / 11P
65,536-word 쨈 4-bit High Speed CMOS Static RAM
HM6208HJP-25 HITACHI-HM6208HJP-25 Datasheet
64Kb / 11P
65,536-word 쨈 4-bit High Speed CMOS Static RAM
HM6208HJP-35 HITACHI-HM6208HJP-35 Datasheet
64Kb / 11P
65,536-word 쨈 4-bit High Speed CMOS Static RAM
HM6208HJP-45 HITACHI-HM6208HJP-45 Datasheet
64Kb / 11P
65,536-word 쨈 4-bit High Speed CMOS Static RAM
HM6208HLJP-25 HITACHI-HM6208HLJP-25 Datasheet
64Kb / 11P
65,536-word 쨈 4-bit High Speed CMOS Static RAM
More results

Similar Description - HM6208

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
D6392 CHENYI-D6392 Datasheet
457Kb / 5P
MOTOR DRIVE SERIES
logo
List of Unclassifed Man...
D6208 ETC-D6208 Datasheet
222Kb / 3P
MOTOR DRIVE SERIES
logo
International Rectifier
IRLS4030TRLPBF IRF-IRLS4030TRLPBF Datasheet
388Kb / 10P
DC Motor Drive
IRD3CH9DB6 IRF-IRD3CH9DB6 Datasheet
218Kb / 6P
Industrial Motor Drive
IRD3CH16DB6 IRF-IRD3CH16DB6 Datasheet
235Kb / 6P
Industrial Motor Drive
IRD3CH42DB6 IRF-IRD3CH42DB6 Datasheet
187Kb / 6P
Industrial Motor Drive
IRGB4715DPBF IRF-IRGB4715DPBF Datasheet
657Kb / 12P
Industrial Motor Drive
IRGR4607DPBF IRF-IRGR4607DPBF Datasheet
838Kb / 16P
Industrial Motor Drive
logo
Fluke Corporation
MDA-550 FLUKE-MDA-550 Datasheet
3Mb / 36P
Motor Drive Analyzer
logo
Shenzhen Huazhimei Semi...
HM2503A HMSEMI-HM2503A Datasheet
359Kb / 4P
Motor drive circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com