Electronic Components Datasheet Search
  English  ▼

X  

HM6213 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6213
Description  Adjustable Output, Ultralow-Noise, High PSRR Low-Dropout CMOS Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6213 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6213 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PIN CONFIGURATION
SOT23-5
SOT-353(SC70-5)
SOT23-5/ SOT-353(SC70-5)
PIN NUMBER
PIN
NAME
FUNCTION
SOT23-5
SOT-353(SC70-5)
1
1
VIN
Power input Pin
2
2
VSS
Ground
3
3
CE
Chip Enable Pin
4
4
FB
Feedback Pin: Used to Set Output
Voltage
5
5
VOUT
Output Pin
 TYPICAL APPLICATION
Fig.1 Typical Application Circuit
 ABSOLUTE MAXIMUM RATINGS
(Unless otherwise specified, TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS -0.3~VSS+8
V
Output Current
IOUT
500
mA
Output Voltage
VOUT
VSS -0.3~VIN+0.3
V
Power Dissipation
SOT23-5
SOT-353(SC70-5)
Pd
400
mW
Operating Temperature
Topr
-40~+85
℃
Storage Temperature
Tstg
-40~+125
℃
Soldering Temperature & Time
Tsolder
260℃, 10s
Adjustable Output, Ultralow-Noise, High PSRR
Low-Dropout CMOS Voltage Regulator
HM6213



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com