Electronic Components Datasheet Search
  English  ▼

X  

HM6213 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6213
Description  Adjustable Output, Ultralow-Noise, High PSRR Low-Dropout CMOS Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6213 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6213 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6213 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ELECTRICAL CHARACTERISTICS
HM6213-ADJ
(VIN=VOUT+1V, CIN=COUT=1μF,TA=25℃,unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Input Voltage
VIN
-
1.8(1)
7.0
V
Output Current
IOUT
VOUT ≥ 1.8V
500
mA
Supply Current
ISS
IOUT=0mA
45
80
μA
Standby Current
ISTBY
VCE=0V
0.1
μA
CE "High" Voltage
VCEH
1.2
VIN
V
CE "Low" Voltage
VCEL
0.3
V
CE pin current
VCE=0V
-1
1
V
FB Voltage
VFB
IOUT=1mA
0.588
0.600
0.612
V
FB pin current
VFB=1.8V
1
μA
Output voltage range
0.6
5.5 – VDO
V
Line Regulation
∆VOUT
VOUT×∆VIN IOUT=10mA
VOUT +1V≤VIN≤7V
0.01
0.2
%/V
Load Regulation
∆VOUT VIN=VOUT+1V,
1mA≤IOUT≤100mA
1
mV
Dropout Voltage(2)
Vdif
IOUT =100mA
VOUT≥3.0V
110
mV
Output Voltage
Temperature
Characteristics
∆VOUT
∆T×VOUT IOUT=10mA
-40≤T≤+85
50
ppm
Current Limit
ILIM
500
mA
Short Current
ISHORT
VOUT =VSS
20
mA
Power Supply
Ripple Rejection
VOUT
=1.2V
PSRR
f=100Hz, IOUT=50mA
80
dB
f=1kHz, IOUT=50mA
70
f=10kHz, IOUT=50mA
50
Output noise voltage
BW=10Hz to
100kHz, IOUT=10mA
40
μVRMS
Time, start-up
IOUT=0mA, COUT=1μF
20
μS
NOTE:
(1) Minimum VIN is 1.8V or VOUT + VDO, whichever is greater.
(2) Vdif:The difference of output voltage and input voltage when input voltage is decreased
gradually till output voltage equals to 98% of VOUT (E).
Adjustable Output, Ultralow-Noise, High PSRR
Low-Dropout CMOS Voltage Regulator
HM6213



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com