Electronic Components Datasheet Search
  English  ▼

X  

85EPF10 Datasheet(PDF) 2 Page - International Rectifier

Part # 85EPF10
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPF10 Datasheet(HTML) 2 Page - International Rectifier

  85EPF10 Datasheet HTML 1Page - International Rectifier 85EPF10 Datasheet HTML 2Page - International Rectifier 85EPF10 Datasheet HTML 3Page - International Rectifier 85EPF10 Datasheet HTML 4Page - International Rectifier 85EPF10 Datasheet HTML 5Page - International Rectifier 85EPF10 Datasheet HTML 6Page - International Rectifier 85EPF10 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
85EPF.. HV
QUIETIR Series
Preliminary Data Sheet I2153 rev. B 11/98
I
F(AV)
Max.AverageForwardCurrent
85
A
@ T
C
=85°C,180°conductionhalfsinewave
I
FSM
Max.PeakOneCycleNon-Repetitive
1100
10msSinepulse,ratedV
RRM applied
SurgeCurrent
1250
10msSine pulse,novoltagereapplied
I2t
Max. I2t for fusing
5000
10msSinepulse,ratedV
RRM applied
7000
10msSinepulse,novoltagereapplied
I
2√t Max. I2√t for fusing
70000
A
2√s
t = 0.1 to 10ms, no voltage reapplied
Part Number
Voltage Ratings
Absolute Maximum Ratings
Electrical Specifications
Recovery Characteristics
Parameters
85EPF..
Units
Conditions
A
A
2s
V
FM
Max. Forward Voltage Drop
1.36
V
@ 85A, T
J
= 25°C
r
t
Forward slope resistance
4.03
m
Ω
V
F(TO) Threshold voltage
0.87
V
I
RM
Max. Reverse Leakage Current
0.1
T
J
= 25 °C
15
T
J = 150 °C
Parameters
85EPF..
Units
Conditions
T
J
= 150°C
V
R
= rated V
RRM
mA
t
rr
Reverse Recovery Time
480
ns
I
F
@ 85Apk
I
rr
Reverse Recovery Current
7.1
A
@ 25A/ µs
Qrr
Reverse Recovery Charge
2.1
µC
@ 25°C
S
Snap Factor
0.5
Parameters
85EPF..
Units
Conditions
V
RRM
, maximum
V
RSM
, maximum non repetitive
I
RRM
peak reverse voltage
peak reverse voltage
150°C
VV
mA
85EPF08
800
900
85EPF10
1000
1100
15
85EPF12
1200
1300



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com