Electronic Components Datasheet Search
  English  ▼

X  

85EPF10 Datasheet(PDF) 6 Page - International Rectifier

Part # 85EPF10
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

85EPF10 Datasheet(HTML) 6 Page - International Rectifier

  85EPF10 Datasheet HTML 1Page - International Rectifier 85EPF10 Datasheet HTML 2Page - International Rectifier 85EPF10 Datasheet HTML 3Page - International Rectifier 85EPF10 Datasheet HTML 4Page - International Rectifier 85EPF10 Datasheet HTML 5Page - International Rectifier 85EPF10 Datasheet HTML 6Page - International Rectifier 85EPF10 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
85EPF.. HV
QUIETIR Series
Preliminary Data Sheet I2153 rev. B 11/98
Outline Table
Dimensionsinmillimetersandinches
Ordering Information Table
85
E
P
F
12
Device Code
1
5
24
3
1
-
Current Rating
2
-
Circuit Configuration:
E = Single Diode
3
-
Package:
P = TO-247AC
4
-
Type of Silicon:
F = Fast Recovery
5
-
Voltage code: Code x 100 = V
RRM
6
08 = 800V
10 = 1000V
12 = 1200V
CATHODE
BASE
CATHODE
ANODE
2
13
BaseCathode
Anode
Anode
15.75
0.50
3.05
1.20 TYP.
5.45 TYP.
14.75
4.8 2
1.27
12.10
1.80
3.65 TYP.
1.80
1.50
5.08
8.38
4.60
6° TYP.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com