Electronic Components Datasheet Search
  English  ▼

X  

SP8480 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP8480
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP8480 Datasheet HTML 3Page - Sipex Corporation SP8480 Datasheet HTML 4Page - Sipex Corporation SP8480 Datasheet HTML 5Page - Sipex Corporation SP8480 Datasheet HTML 6Page - Sipex Corporation SP8480 Datasheet HTML 7Page - Sipex Corporation SP8480 Datasheet HTML 8Page - Sipex Corporation SP8480 Datasheet HTML 9Page - Sipex Corporation SP8480 Datasheet HTML 10Page - Sipex Corporation SP8480 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
295
LOW PULSE FOR R/C DYNAMIC CHARACTERISTICS
V
CC = +15V; VLOGIC = +5V; TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
t
HRL
Low R/C Pulse Width
50
ns
t
DS
Status Delay from R/C
200
ns
t
HDR
Data Valid after R/C Low
25
ns
t
HS
Status Delay after Data Valid
500
ns
t
MDS
MUX Data Setup
50
ns
t
MDH
MUX Data Valid
3
10
µs
Figure 3. Low Pulse for R/C Timing
R/C
STATUS
DB11 - DB0
tHRL
tC
DATA VALID
DATA VALID
tMDH
tDS
tHDR
tHS
MA0 - MA2
tMDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com