Electronic Components Datasheet Search
  English  ▼

X  

SP8480 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP8480
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP8480 Datasheet HTML 4Page - Sipex Corporation SP8480 Datasheet HTML 5Page - Sipex Corporation SP8480 Datasheet HTML 6Page - Sipex Corporation SP8480 Datasheet HTML 7Page - Sipex Corporation SP8480 Datasheet HTML 8Page - Sipex Corporation SP8480 Datasheet HTML 9Page - Sipex Corporation SP8480 Datasheet HTML 10Page - Sipex Corporation SP8480 Datasheet HTML 11Page - Sipex Corporation SP8480 Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
298
Figure 6. FFT; 6kHz 5V (0dB) Full Scale Input; F
S=10kHz
Figure 10. FFT; 48kHz 1V (–14dB) Input; F
S=10kHz
Figure 7. FFT; 12kHz 5V (0dB) Full Scale Input; F
S=10kHz
Figure 8. FFT; 24kHz 5V (0dB) Full Scale Input; F
S=10kHz
Figure 9. FFT; 48kHz 5V (0dB) Full Scale Input; F
S
=10kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com