Electronic Components Datasheet Search
  English  ▼

X  

AD9945KCPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9945KCPZ
Description  CCD Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945KCPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9945KCPZ Datasheet HTML 6Page - Analog Devices AD9945KCPZ Datasheet HTML 7Page - Analog Devices AD9945KCPZ Datasheet HTML 8Page - Analog Devices AD9945KCPZ Datasheet HTML 9Page - Analog Devices AD9945KCPZ Datasheet HTML 10Page - Analog Devices AD9945KCPZ Datasheet HTML 11Page - Analog Devices AD9945KCPZ Datasheet HTML 12Page - Analog Devices AD9945KCPZ Datasheet HTML 13Page - Analog Devices AD9945KCPZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AD9945
–13–
24
REFB
23
REFT
22
CCDIN
21
AVSS
D2
1
D3
2
D4
3
20
AVDD
19
SHD
18
SHP
17
CLPOB
D5
4
D6
5
D7
6
D8
7
D9
8
DATA
OUTPUTS
12
3V
DRIVER
SUPPLY
3V
ANALOG
SUPPLY
5
CLOCK
INPUTS
3
SERIAL
INTERFACE
3V
ANALOG
SUPPLY
CCDIN
PIN 1
IDENTIFIER
AD9945
(Not to Scale)
TOP VIEW
1.0 F
0.1 F
0.1 F
0.1 F
0.1 F
D0
D1
NC = NO CONNECT
1.0 F
NOTE
THE EXPOSED PAD ON THE BOTTOM OF THE AD9945 SHOULD BE
SOLDERED TO THE GND PLANE OF THE PRINTED CIRCUIT BOARD
Figure 11. Recommended Circuit Configuration for CCD Mode
REV.
C
Internal Power-On Reset Circuitry
After power-on, the AD9945 will automatically reset all internal
registers and perform internal calibration procedures. This takes
approximately 1 ms to complete. During this time, normal clock
signals and serial write operations may occur. However, serial
register writes will be ignored until the internal reset operation
is completed.
Required Start-Up Write
During power-up of the AD9945, 0x838 must be written into
Register 0xD for proper start-up operation.
Grounding and Decoupling Recommendations
As shown in Figure 11, a single ground plane is recommended for
the AD9945. This ground plane should be as continuous as
possible. This will ensure that all analog decoupling capacitors
provide the lowest possible impedance path between the power
and bypass pins and their respective ground pins. All decoupling
capacitors should be located as close as possible to the package
pins. A single clean power supply is recommended for the AD9945,
but a separate digital driver supply may be used for DRVDD
(Pin 11). DRVDD should always be decoupled to DRVSS (Pin 12),
which should be connected to the analog ground plane. If the digital
outputs (Pins 1 to 10, 31, and 32) must drive a load larger than 20 pF,
buffering is recommended to reduce digital code transition noise.
Alternatively, placing series resistors close to the digital output pins
may also help reduce noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com