Electronic Components Datasheet Search
  English  ▼

X  

HM3N30PR Datasheet(PDF) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3N30PR
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3N30PR Datasheet(HTML) 6 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM3N30PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Vds , Drain - Source Voltage , Volts
10000
1000
100
10
0.1
1
100
1
10
tav,Time in Avalanche,Seconds
1.00E-03
0.1
1.00E-06 1.00E-05 1.00E-04
1
10
100
1.00E-01
1.00E-02
1.00E+00
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1
1.2
Vsd , Source - Drain Voltage , Volts
Qg , Total Gate Charge , nC
8
0
2
6
4
10
12
0
1
2
3
4
5
0.9
0.95
1
1.05
1.1
-55
-30
-5
20
45
70
95
120 145 170
Tj, Junction temperature , C
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction temperature , C
Figure 13 Typical Capacitance vs Drain to Source Voltage
Figure 16 Unclamped Inductive Switching Capability
Figure 15 Typical Body Diode Transfer Characteristics
Figure 14 Typical Gate Charge vs Gate to Source Voltage
Ciss
Coss
Crss
VGS=0V , f=1MHz
Ciss=Cgs+Cgd
Coss=Cds+Cgd
Crss=Cgd
VDS=100V
VDS=200V
VDS=320V
+150℃
+25℃
-55℃
STARTING Tj = 25℃
STARTING Tj = 150℃
If R=0: tAV=(L* IAS) / (1.38VDSS-VDD)
If R≠0: tAV=(L/R) In[IAS*R/ (1.38VDSS-VDD)+1]
R equals total Series resistance of Drain circuit
Figure 11 Typical Theshold Voltage vs Junction Temperature
Figure 12 Typical Breakdown Voltage vs Junction Temperature
VGS=0V
ID=250μA
VGS=0V
ID=250μA
ID=2A
Silicon N-Channel Power MOSFET
HM3N30PR
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com