Electronic Components Datasheet Search
  English  ▼

X  

HM3N30PR Datasheet(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3N30PR
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3N30PR Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM3N30PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3N30PR Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
The name and content of poisonous and harmful material in products
Hazardous Substance
Part’s Name
Pb
Hg
Cd
Cr(VI)
PBB
PBDE
Limit
≤
0.1%
≤
0.1%
≤
0.01%
≤
0.1%
≤
0.1%
≤
0.1%
Lead Frame
○
○
○
○
○
○
Molding Compound
○
○
○
○
○
○
Chip
○
○
○
○
○
○
Wire Bonding
○
○
○
○
○
○
Solder
×
○
○
○
○
○
Note
○:
means the hazardous material is under the criterion of SJ/T11363-2006.
×:
means the hazardous material exceeds the criterion of SJ/T11363-2006.
The plumbum element of solder exist in products presently, but within the allowed
range of Eurogroup’s RoHS.
Warnings
1. Exceeding the maximun ratings of the device in performance may cause damage to the device,
even the permanent failure, which may affect the dependability of the machine. It is suggested
to be used under 80 percent of the maximun ratings of the device.
2. When installing the heatsink, please pay attention to the torsional moment and the smoothness
of the heatsink.
3. VDMOSFETs is the device which is sensitive to the static electricity, it is necessory to protect
the device from being damaged by the static electricity when using it.
4. This publication is made by H&M Semiconductor and subject to regular change without
notice.
:
Silicon N-Channel Power MOSFET
HM3N30PR
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com