Electronic Components Datasheet Search
  English  ▼

X  

LMX2335UTM Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335UTM Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LMX2335UTM Datasheet HTML 25Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 26Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 27Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 28Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 29Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 30Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 31Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 32Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Test Setups (Continued)
LMX2335U and LMX2336U f
IN Sensitivity Test Setup
10136740
The block diagram above illustrates the setup required to
measure the LMX2336U device’s RF1 input sensitivity level.
The
same
setup
is
used
for
the
LMX2336TMEB/
LMX2336SLEEB Evaluation Boards. The RF2 input sensitiv-
ity test setup is similar to the RF1 sensitivity test setup. The
purpose of this test is to measure the acceptable signal level
to the f
IN RF1 input of the PLL chip. Outside the acceptable
signal range, the feedback divider begins to divide incor-
rectly and miscount the frequency.
The setup uses an open loop configuration. A power supply
is connected to V
cc and the bias voltage is swept from 2.7V
to 5.5V. The RF2 PLL is powered down (PWDN RF2 Bit = 1).
By means of a signal generator, an RF signal is applied to
the f
IN RF1 pin. The 3 dB pad provides a 50
Ω match
between the PLL and the signal generator. The OSC
in pin is
tied to V
cc. The N value is typically set to 10000 in Code
Loader, i.e. RF1 N_CNTRB Word = 156 and RF1 N_CNTRA
Word = 16 for PRE RF1 Bit = 0. The feedback divider output
is routed to the F
oLD pin by selecting the RF1 PLL N Divider
Output word (F
oLD Word = 6 or 14) in Code Loader. A
Universal Counter is connected to the F
oLD pin and tied to
the 10 MHz reference output of the signal generator. The
output of the feedback divider is thus monitored and should
be equal to f
IN RF1/N.
The f
IN RF1 input frequency and power level are then swept
with the signal generator. The measurements are repeated
at different temperatures, namely T
A = -40˚C, +25˚C, and
+85˚C. Sensitivity is reached when the frequency error of the
divided RF input is greater than or equal to 1 Hz. The power
attenuation from the cable and the 3 dB pad must be ac-
counted for. The feedback divider will actually miscount if too
much or too little power is applied to the f
IN RF1 input.
Therefore, the allowed input power level will be bounded by
the upper and lower sensitivity limits. In a typical application,
if the power level to the f
IN RF1 input approaches the sen-
sitivity limits, this can introduce spurs and degradation in
phase noise. When the power level gets even closer to these
limits, or exceeds it, then the RF1 PLL loses lock.
The LMX2335U f
IN sensitivity test setup is very much similar
to the above test setup.
www.national.com
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com