Electronic Components Datasheet Search
  English  ▼

X  

LMX2335UTM Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2335UTM
Description  PLLatinum Ultra Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2335UTM Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LMX2335UTM Datasheet HTML 30Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 31Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 32Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 33Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 34Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 35Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 36Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 37Page - National Semiconductor (TI) LMX2335UTM Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
1.0 Functional Description (Continued)
1.5 PHASE/FREQUENCY DETECTORS
The RF1 and RF2 phase/frequency detectors are driven
from their respective N and R counter outputs. The maxi-
mum frequency for both the RF1 and RF2 phase detector
inputs is 10 MHz. The phase/frequency detector outputs
control the respective charge pumps. The polarity of the
pump-up or pump-down control signals are programmed
using the PD_POL RF1 or PD_POL RF2 control bits, de-
pending on whether the RF1 or RF2 VCO characteristics are
positive or negative. Refer to Sections 2.4.2 and 2.6.2 for
more details. The phase/frequency detectors have a detec-
tion range of −2
π to +2π. The phase/frequency detectors
also receive a feedback signal from the charge pump in
order to eliminate dead zone.
PHASE COMPARATOR AND INTERNAL CHARGE PUMP CHARACTERISTICS
10136785
Notes:
1.
The minimum width of the pump-up and pump-down current pulses occur at the Do RF1 or Do RF2 pins when the loop is phase locked.
2.
The diagram assumes positive VCO characteristics, i.e. PD_POL RF1 or PD_POL RF2 = 1.
3.
Fr is the phase detector input from the reference divider (R counter).
4.
Fp is the phase detector input from the programmable feedback divder (N counter).
5.
Do refers to either the RF1 or RF2 charge pump output.
1.6 CHARGE PUMPS
The charge pump directs charge into or out of an external
loop filter. The loop filter converts the charge into a stable
control voltage which is applied to the tuning input of the
VCO. The charge pump steers the VCO control voltage
towards V
P RF1 or VP RF2 during pump-up events and
towards GND during pump-down events. When locked, D
o
RF1 or D
o RF2 are primarily in a TRI-STATE mode with small
corrections occuring at the phase comparator rate. The
charge pump output current magnitude can be selected by
toggling the ID
o RF1 or IDo RF2 control bits.
1.7 MICROWIRE SERIAL INTERFACE
The programmable register set is accessed via the MI-
CROWIRE serial interface. The interface is comprised of
three signal pins: Clock, Data and LE (Latch Enable). Serial
data is clocked into the 22-bit shift register on the rising edge
of Clock. The last two bits decode the internal control regis-
ter address. When LE transitions HIGH, data stored in the
shift register is loaded into one of four control registers
depending on the state of the address bits. The MSB of Data
is loaded in first. The synthesizers can be programmed even
in power down mode. A complete programming description
is provided in Section 2.0 Programming Description.
1.8 MULTI-FUNCTION OUTPUTS
The F
oLD output pin is a multi-function output that can be
configured as the RF1 FastLock output, a push-pull analog
lock detect output, counter reset, or used to monitor the
output of the various reference divider (R counter) or feed-
back divider (N counter) circuits. The F
oLD control word is
used to select the desired output function. When the PLL is
in powerdown mode, the F
oLD output is pulled to a LOW
state.
A
complete
programming
description
of
the
multi-function output is provided in Section 2.8 F
oLD.
1.8.1 Push-Pull Analog Lock Detect Output
An analog lock detect status generated from the phase
detector is available on the F
oLD output pin if selected. The
lock detect output goes HIGH when the charge pump is
inactive. It goes LOW when the charge pump is active during
a comparison cycle. When viewed with an oscilloscope,
narrow negative pulses are observed when the charge pump
turns on. The lock detect output signal is a push-pull con-
figuration.
Three separate lock detect signals are routed to the multi-
plexer. Two of these monitor the ‘lock’ status of the individual
synthesizers. The third detects the condition when both the
RF1 and RF2 synthesizers are in a ‘locked state’. External
circuitry however, is required to provide a steady DC signal
to indicate when the PLL is in a locked state. Refer to
Section 2.8 F
oLD for details on how to program the different
lock detect options.
www.national.com
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com