Electronic Components Datasheet Search
  English  ▼

X  

9448AB Datasheet(PDF) 2 Page - 3M Electronics

Part # 9448AB
Description  Double Coated Tissue Tape
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

9448AB Datasheet(HTML) 2 Page - 3M Electronics

  9448AB Datasheet HTML 1Page - 3M Electronics 9448AB Datasheet HTML 2Page - 3M Electronics 9448AB Datasheet HTML 3Page - 3M Electronics 9448AB Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 2 -
TM Double Coated Tissue Tape 9448A/9448AB
Note : The following technical information and data should be considered
representative or typical only and should not be used for
specification purposes.
180 degree peel adhesion ASTM D3330, 2mil PET backing
Adhesion to Stainless steel
N/100mm
- 30 minute RT
135
- 72 hours RT
140
Adhesion to PC
- 30 minute RT
135
- 72 hours RT
140
Adhesion to PP
- 30 minute RT
100
- 72 hours RT
105
Shear Strength – ASTM D3654
(1 inch2 sample size)
1000grams at 72˚ F (22 : )
5000 minutes
Relative solvent resistance
Medium
UV Resistance
Medium
Relative High Temperature
Operating Ranges:
Long Term (days, weeks)
70 :
Short Term (minutes, hours)
150 :
Shelf Life of Tape in Roll Form
24 months from date of
manufacture when stored in
original cartons at 70˚ F (21 : *!
!!!!!!!!!!!!
!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!!
!and !50% !relative humidity.
Typical Physical
Properties and
Performance
Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com