Electronic Components Datasheet Search
  English  ▼

X  

CY28441 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY28441
Description  Clock Generator for Intel Alviso Chipset
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28441 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY28441 Datasheet HTML 12Page - Cypress Semiconductor CY28441 Datasheet HTML 13Page - Cypress Semiconductor CY28441 Datasheet HTML 14Page - Cypress Semiconductor CY28441 Datasheet HTML 15Page - Cypress Semiconductor CY28441 Datasheet HTML 16Page - Cypress Semiconductor CY28441 Datasheet HTML 17Page - Cypress Semiconductor CY28441 Datasheet HTML 18Page - Cypress Semiconductor CY28441 Datasheet HTML 19Page - Cypress Semiconductor CY28441 Datasheet HTML 20Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
CY28441
Document #: 38-07679 Rev. **
Page 19 of 20
© Cypress Semiconductor Corporation, 2004. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
Intel and Pentium are registered trademarks of Intel Corporation. All product and company names mentioned in this document
are the trademarks of their respective holders.
Purchase of I2C components from Cypress or one of its sublicensed Associated Companies conveys a license under the Philips
I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification
as defined by Philips.
2.4V
0.4V
3.3V
0V
T R
T F
1.5V
3.3V sig na ls
T DC
-
-
Figure 16. Single-ended Output Signals (for AC Parameters Measurement)
Ordering Information
Part Number
Package Type
Product Flow
Lead-free
CY28441ZXC
56-pin TSSOP
Commercial, 0
° to 85°C
CY28441ZXCT
56-pin TSSOP – Tape and Reel
Commercial, 0
° to 85°C
Package Diagrams
SEATING
PLANE
1
BSC
0°-8°
MAX.
GAUGE PLANE
28
29
56
1.100[0.043]
0.051[0.002]
0.851[0.033]
0.508[0.020]
0.249[0.009]
7.950[0.313]
0.25[0.010]
6.198[0.244]
13.894[0.547]
8.255[0.325]
5.994[0.236]
0.950[0.037]
0.500[0.020]
14.097[0.555]
0.152[0.006]
0.762[0.030]
DIMENSIONS IN MM[INCHES] MIN.
MAX.
0.170[0.006]
0.279[0.011]
0.20[0.008]
0.100[0.003]
0.200[0.008]
REFERENCE JEDEC MO-153
PACKAGE WEIGHT 0.42gms
PART #
Z5624 STANDARD PKG.
ZZ5624 LEAD FREE PKG.
56-Lead Thin Shrunk Small Outline Package, Type II (6 mm x 12 mm) Z56
51-85060-*C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com