Electronic Components Datasheet Search
  English  ▼

X  

DVMN28 Datasheet(PDF) 3 Page - VPT, Inc.

Part # DVMN28
Description  HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVMN28 Datasheet(HTML) 3 Page - VPT, Inc.

  DVMN28 Datasheet HTML 1Page - VPT, Inc. DVMN28 Datasheet HTML 2Page - VPT, Inc. DVMN28 Datasheet HTML 3Page - VPT, Inc. DVMN28 Datasheet HTML 4Page - VPT, Inc. DVMN28 Datasheet HTML 5Page - VPT, Inc. DVMN28 Datasheet HTML 6Page - VPT, Inc. DVMN28 Datasheet HTML 7Page - VPT, Inc. DVMN28 Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DVMN28
DS15005G
3
BLOCK DIAGRAM
28V IN
PIN 1
IN COM
PIN 3
INH OUT
PIN 5
28V OUT
PIN 6
OUT COM
PIN 4
PROTECTION
SWITCH
CONTROL
CIRCUIT
INHIBIT
PIN 2
CASE
Figure 2
CONNECTION DIAGRAM
+
-
28 Vdc
2
28V OUT
4
OUT COM
1
28V IN
3
IN COM
CASE
DVMN28 EMI FILTER
CASE
DV200-2800S DC-DC CONVERTER
CASE GND
2
INH
5
INH OUT
1
IN COM
5
28V IN
6
+V OUT
10
OUT COM
LO AD
-S
9
+S
7
INH/SYNC IN
4
2200pF
Figure 3
–
DVMN28 EMI Filter Hookup with Single Converter
(Diode on pin 5 of DVMN28 is needed when synchronization function of the converter is used.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com