Electronic Components Datasheet Search
  English  ▼

X  

DVMN28 Datasheet(PDF) 6 Page - VPT, Inc.

Part # DVMN28
Description  HIGH RELIABILITY EMI FILTER AND INPUT ATTENUATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVMN28 Datasheet(HTML) 6 Page - VPT, Inc.

  DVMN28 Datasheet HTML 1Page - VPT, Inc. DVMN28 Datasheet HTML 2Page - VPT, Inc. DVMN28 Datasheet HTML 3Page - VPT, Inc. DVMN28 Datasheet HTML 4Page - VPT, Inc. DVMN28 Datasheet HTML 5Page - VPT, Inc. DVMN28 Datasheet HTML 6Page - VPT, Inc. DVMN28 Datasheet HTML 7Page - VPT, Inc. DVMN28 Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DVMN28
DS15005G
6
PACKAGE SPECIFICATIONS
TOP VIEW
PIN
FUNCTION
1
+Vin
2
INH
3
-Vin
4
-Vout
5
INH OUT
6
+V OUT
SIDE VIEW
Figure 10
- Package and Pinout
(Dimensional Limits are ±0.005” Unless Otherwise Stated)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com