Electronic Components Datasheet Search
  English  ▼

X  

PE2065 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE2065
Description  2 Way 2.92mm Resistive Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2065 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE2065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2065 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Mechanical Specifications
Size
Length
0.5 in [12.7 mm]
Width
0.5 in [12.7 mm]
Height
0.38 in [9.65 mm]
.
Weight
0.041 lbs [18.6 g]
.
Configuration
Package Type
Connectorized
Input Connector
2.92mm Male
Output Connectors
2.92mm Female
Mechanical Specification Notes:
2.92mm connectors mate both electrically and mechanically with all 3.5mm and SMA connectors.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watt from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watt PE2065
URL: http://www.pasternack.com/2-way-2.92-power-divider-dc-26.5-ghz-1-watts-pe2065-p.aspx
PE2065 REV 1.2
Power Dividers Technical Data Sheet
PE2065
2 Way 2.92mm Resistive Power Divider From
DC to 26.5 GHz Rated at 1 Watt



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com