Electronic Components Datasheet Search
  English  ▼

X  

PE2065 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE2065
Description  2 Way 2.92mm Resistive Power Divider
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE2065 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE2065 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE2065 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE2065 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Features
• 2-Way Power Divider
• Resistive Design
• DC to 26.5 GHz Frequency Range
• Insertion Loss 8.5 dB Typ
• Max Power 1 Watt (CW)
Applications
• Test and Measurement
• Military Communications
• Commercial Communications
• Wireless Communications
• SATCOM
.
Description
Pasternack carries a wide selection of power dividers to fit your needs. These components are essential in many systems,
allowing the combination of multiple signals or splitting of a single signal into multiple signals with equal magnitude and phase.
Pasternack’s resistive and Wilkinson power dividers come with excellent performance featuring minimal loss, high isolation
and low VSWR. They are available in both narrow and broad bandwidths with a variety of connector types such as 2.92mm,
BNC, N and SMA.
The PE2065 is a 2-way resistive power divider that operates from DC to 26.5 GHz and can handle up to 1 Watt (CW) with 8.5
dB typ insertion loss. The package interface uses 2.92mm connectors and is REACH and RoHS compliant.
Electrical Specifications
Design
Resistive
Number of Output Ports
2
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
26.5
GHz
Impedance
50
Ohms
Input VSWR
1.4:1
Insertion Loss
8.5
dB
Amplitude Balance
1
dB
Phase Balance
±4
Degrees
Input Power (CW)
1
Watts
.
Electrical Specification Notes:
Insertion loss includes splitting loss.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Way 2.92mm Resistive Power Divider From DC to 26.5 GHz Rated at 1 Watt PE2065
PE2065 REV 1.2
2 Way 2.92mm Resistive Power Divider From
DC to 26.5 GHz Rated at 1 Watt
Power Dividers Technical Data Sheet
PE2065


Similar Part No. - PE2065

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE2065 PASTERNACK-PE2065 Datasheet
116Kb / 1P
2.9MM FEMALE-MALE -FEMALE RESISTIVE POWER DIVIDR , FREQUENCY RANGE:DC TO 26.5 GHz
More results

Similar Description - PE2065

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PD-004 JFW-50PD-004 Datasheet
26Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
50PD-016 JFW-50PD-016 Datasheet
26Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
50PD-016 JFW-50PD-016_10 Datasheet
26Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
50PD-379 JFW-50PD-379_13 Datasheet
27Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
75PD-045 JFW-75PD-045_12 Datasheet
68Kb / 1P
2 WAY RESISTIVE POWER DIVIDER
logo
Pasternack Enterprises,...
PE20DV1062 PASTERNACK-PE20DV1062 Datasheet
673Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1064 PASTERNACK-PE20DV1064 Datasheet
671Kb / 5P
2 Way 2.92mm Power Divider
PE2078 PASTERNACK-PE2078_16 Datasheet
581Kb / 3P
2 Way 2.92mm Power Divider
PE20DV1058 PASTERNACK-PE20DV1058 Datasheet
530Kb / 5P
2 Way 2.92mm Power Divider
PE20DV1059 PASTERNACK-PE20DV1059 Datasheet
535Kb / 5P
2 Way 2.92mm Power Divider
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com