Electronic Components Datasheet Search
  English  ▼

X  

SVRMH28 Datasheet(PDF) 5 Page - VPT, Inc.

Part # SVRMH28
Description  SPACE QUALIFIED HYBRID EMI FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRMH28 Datasheet(HTML) 5 Page - VPT, Inc.

  SVRMH28 Datasheet HTML 1Page - VPT, Inc. SVRMH28 Datasheet HTML 2Page - VPT, Inc. SVRMH28 Datasheet HTML 3Page - VPT, Inc. SVRMH28 Datasheet HTML 4Page - VPT, Inc. SVRMH28 Datasheet HTML 5Page - VPT, Inc. SVRMH28 Datasheet HTML 6Page - VPT, Inc. SVRMH28 Datasheet HTML 7Page - VPT, Inc. SVRMH28 Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRMH28
– 6.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 5
SVRMH28 Series
4.0 MECHANICAL OUTLINES AND PINOUT (CONTINUED)
Flanged Package Option:
1.
Tolerances are +0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Mounting holes are not threaded. Recommended fastener is 4-40
4. Materials: Case (Steel, gold over nickel plated); Cover (Steel, nickel plated); Pin (Copper-cored alloy 52, gold over nickel plated); Pin Seals (Glass)
Pin
Function
Pin
Function
1
28VIN
4
OUTCOM
2
28VOUT
5
INCOM
3
CASE



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com