Electronic Components Datasheet Search
  English  ▼

X  

SVRMH28 Datasheet(PDF) 1 Page - VPT, Inc.

Part # SVRMH28
Description  SPACE QUALIFIED HYBRID EMI FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRMH28 Datasheet(HTML) 1 Page - VPT, Inc.

  SVRMH28 Datasheet HTML 1Page - VPT, Inc. SVRMH28 Datasheet HTML 2Page - VPT, Inc. SVRMH28 Datasheet HTML 3Page - VPT, Inc. SVRMH28 Datasheet HTML 4Page - VPT, Inc. SVRMH28 Datasheet HTML 5Page - VPT, Inc. SVRMH28 Datasheet HTML 6Page - VPT, Inc. SVRMH28 Datasheet HTML 7Page - VPT, Inc. SVRMH28 Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRMH28
– 6.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 1
SVRMH28 Series
SPACE QUALIFIED HYBRID EMI FILTERS
SVRMH Series EMI Filter
Models Available
Input: 28 V nominal
2 A output
Qualified to MIL-PRF-38534 Class H and Class K
Designed for TOR Compliance
1.0 DESCRIPTION
The SVRMH is specifically designed for use with the SVR Series
of DC-DC converters in the harsh radiation environment of space
applications. The SCRMH design is fully passive, giving a strong
resistance to radiation degradation, and is designed in
accordance with Aerospace TOR requirements. Product
performance is guaranteed through extensive circuit worst-case
analysis.
The SVRMH Series of EMI filters is suited for use in low Earth
orbit (LEO), medium Earth orbit (MEO), geostationary orbit
(GEO), deep space, and launch vehicle programs.
1.1 FEATURES
• Up to 2 A maximum current
• High reliability
• Wide input voltage range: 0 to 40 V
• High input transient voltage: 50 V for 1 second
• 55 dB minimum attenuation at 500 kHz
• Continuous operation over full military temperature range of
-55 °C to +125 °C with no power derating
• One module filters the emissions of multiple SVR Series
DC-DC converters
1.2 SPACE LEVEL CHARACTERIZATIONS
• Fully passive design is immune to degradation from radiation
• Worst-case analysis, stress, radiation, reliability reports available
1.3 MANUFACTURING AND COMPLIANCE
• Qualified to MIL-PRF-38534 Class H and Class K,
DLA Drawing # 13011
• Available compliant to MIL-HDBK-1547 and Aerospace TOR
component level element evaluation
• MIL-PRF-38534 element evaluated components
• MIL-STD-461C/D/E/F requirements for conducted emissions
• Manufactured in a MIL-PRF-38534 Class H and Class K facility
• MIL-STD-883
• ISO-9001
1.4 PACKAGING
• Low-profile: 2.000” x 1.130” x 0.355”
• Max weight: 29 g
• Industry standard pinout
• Precision projection-welded hermetic metal case
• Flanged and Non-flanged versions available
1.5 SIMILAR PRODUCTS AND ACCESSORIES
• DVMH 2 A EMI filter for military/avionics applications
• Custom versions available
• SVR Series DC-DC converters
Products and reports described in this datasheet are subject to all export license restrictions and regulations which may include but are not limited to ITAR
(International Traffic in Arms Regulations) and the Export Administration and Foreign Assets Control Regulations. Further restrictions may apply. Contact VPT
sales for details.


Similar Part No. - SVRMH28

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVRMC28 VPT-SVRMC28 Datasheet
625Kb / 8P
SPACE QUALIFIED HYBRID EMI FILTERS
SVRMC28/H+ VPT-SVRMC28/H+ Datasheet
625Kb / 8P
SPACE QUALIFIED HYBRID EMI FILTERS
SVRMC28/H+-E VPT-SVRMC28/H+-E Datasheet
625Kb / 8P
SPACE QUALIFIED HYBRID EMI FILTERS
SVRMC28/K VPT-SVRMC28/K Datasheet
625Kb / 8P
SPACE QUALIFIED HYBRID EMI FILTERS
SVRMC28/K-E VPT-SVRMC28/K-E Datasheet
625Kb / 8P
SPACE QUALIFIED HYBRID EMI FILTERS
More results

Similar Description - SVRMH28

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVHF2800D VPT-SVHF2800D Datasheet
895Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRFL2800D VPT-SVRFL2800D Datasheet
727Kb / 16P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRFL2800S VPT-SVRFL2800S Datasheet
820Kb / 16P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF2800D VPT-SVRHF2800D Datasheet
706Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF2800S VPT-SVRHF2800S Datasheet
697Kb / 14P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRMC28 VPT-SVRMC28 Datasheet
625Kb / 8P
SPACE QUALIFIED HYBRID EMI FILTERS
SVRME28 VPT-SVRME28 Datasheet
634Kb / 8P
SPACE QUALIFIED HYBRID EMI FILTERS
SVRSA2800D VPT-SVRSA2800D Datasheet
734Kb / 14P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRTR2800S VPT-SVRTR2800S Datasheet
734Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVTR2800D VPT-SVTR2800D Datasheet
852Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com