Electronic Components Datasheet Search
  English  ▼

X  

SVRHF2805DF/K Datasheet(PDF) 2 Page - VPT, Inc.

Part # SVRHF2805DF/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRHF2805DF/K Datasheet(HTML) 2 Page - VPT, Inc.

  SVRHF2805DF/K Datasheet HTML 1Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 2Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 3Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 4Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 5Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 6Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 7Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 8Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRHF2800D – 9.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 2
SVRHF2800D Series
2.0 DIAGRAMS
2.1 BLOCK DIAGRAM
2.2 CONNECTION DIAGRAM
3.0 SPECIFICATIONS
3.1 ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings
Input Voltage (Continuous):
-0.5 V to 40 V
Operating Temperature (Full Load):
-55 °C to +125 °C
Input Voltage (Transient, 1 second):
-0.5 V to 50 V
Storage Temperature:
-65 °C to +150 °C
ESD Rating per MIL-PRF-38534:
3B
Lead Solder Temperature (10 seconds):
270 °C
UNDER
VOLTAGE
SHUTDOWN
PRIMARY
HOUSEKEEPING
SUPPLY
PWM
CONTROL
VOLTAGE AND
CURRENT
AMPLIFIERS
SECONDARY
HOUSEKEEPING
SUPPLY
INCOM
L1
C1
Q1
Rs1
T1
D1
C2
Rs2
INH
FEEDBACK
MAGNETIC
D2
Rs3
C3
28VIN
OUTCOM
-VOUT
+VOUT
7
IN COM
1
INH
8
28V IN
2
+V OUT
3
OUT COM
LOAD
+
-
28 Vdc
2
28V OUT
4
OUT COM
1
28V IN
5
IN COM
3
DVMH28 EMI FILTER
6
SVRHF2800D DC-DC CONVERTER
CASE
4
-V OUT
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com