Electronic Components Datasheet Search
  English  ▼

X  

SVRHF2805DF/K Datasheet(PDF) 4 Page - VPT, Inc.

Part # SVRHF2805DF/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRHF2805DF/K Datasheet(HTML) 4 Page - VPT, Inc.

  SVRHF2805DF/K Datasheet HTML 1Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 2Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 3Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 4Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 5Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 6Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 7Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 8Page - VPT, Inc. SVRHF2805DF/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRHF2800D – 9.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 4
SVRHF2800D Series
3.2 PERFORMANCE SPECIFICATIONS (CONTINUED)
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load1, Unless Otherwise Specified
SVRHF2815D
Parameter
Conditions
Min
Typ
Max
Units
INPUT
Voltage
Continuous
18
28
407
V
Transient, 1 sec4
-
-
50
V
Current
INH < 1.5 V
-
5
8
mA
No Load
-
50
70
mA
Ripple Current
20 Hz to 10 MHz
-
70
200
mApp
Undervoltage Lockout
Turn-On
14
-
17.8
V
Turn-Off4
13
-
17.5
V
OUTPUT STATIC
Voltage
+Vout, Tcase = 25 °C
14.85
15
15.15
V
+Vout, Tcase = -55 °C to +125 °C
14.775
15
15.225
V
-Vout, Tcase = 25 °C
14.8
15
15.2
V
-Vout, Tcase = -55 °C to +125 °C
14.40
15
15.6
V
Power2
Total
0
-
15
W
Either Output
0
-
10.5
W
Current2
Total
0
-
1
A
Either Output
0
-
0.7
A
Ripple Voltage
20 Hz to 10 MHz
-
120
250
mVpp
Line Regulation
+Vout, VIN = 18 V to 40 V
-
1
10
mV
-Vout, VIN = 18 V to 40 V
-
20
150
mV
Load Regulation8
+Vout, No Load to Full Load
-
2
30
mV
-Vout, No Load to Full Load
-
20
100
mV
Cross Regulation, -Vout
+Vout: 70% load, -Vout: 30% load
-
350
600
mV
+Vout: 30% load, -Vout: 70% load
Load Fault Power Dissipation
Overload4
-
-
8
W
Short Circuit
-
-
8
W
OUTPUT DYNAMIC
Load Step, Half to Full Load, Either Output
Output Transient
-
150
300
mVpk
Recovery3
-
0
150
µs
Line Step4, Vin = 18V to 40 V
Output Transient
-
320
500
mVpk
Recovery3
-
250
350
µs
Turn-On, Vin = 0 to 28 V
Delay
-
9
20
ms
Overshoot
-
25
50
mVpk
FUNCTION
INH Pin Input4
Output Inhibited
0
-
1.5
V
INH Pin Open Circuit Voltage4
Output Enabled
9
11
13
V
GENERAL
Efficiency
80
84
-
%
Capacitive Load4
-
-
300
µF
Switching Frequency
350
450
500
kHz
Isolation
500 V DC, Tcase = 25 °C
100
-
-
MΩ
Weight
Non-flanged package option
-
-
24
g
Flanged package option
-
-
28
g
MTBF (MIL-HDBK-217F)5
SF, Class K @ Tcase = 55 °C
-
3.38
-
MHr
POST-RAD END-OF-LIFE LIMITS6
Input Ripple Current
-
-
300
mApp
Output Ripple Voltage
-
-
300
mVpp
Output Voltage
Tcase = -55 °C to +125 °C
14.63
-
15.37
V
1. Half load at +Vout and half load at -Vout
2. Up to 70% of the total power or current can be drawn from
either of the two outputs.
3. Time for output voltage to settle within 1% of steady-state
value
4. Verified by initial electrical design verification. Post design
verification, parameter shall be guaranteed to the limits
specified
5. Correction factor of 0.12 added to ceramic capacitors
6. End-of-Life performance includes aging and radiation
degradation and is within standard limits except where noted
7. 37.5 V Max continuous to be compliant to MIL-HDBK-1547
and Aerospace TOR
8. 5% Load to Full Load at -55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com