Electronic Components Datasheet Search
  English  ▼

X  

SVSA2805S/K Datasheet(PDF) 5 Page - VPT, Inc.

Part # SVSA2805S/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVSA2805S/K Datasheet(HTML) 5 Page - VPT, Inc.

  SVSA2805S/K Datasheet HTML 1Page - VPT, Inc. SVSA2805S/K Datasheet HTML 2Page - VPT, Inc. SVSA2805S/K Datasheet HTML 3Page - VPT, Inc. SVSA2805S/K Datasheet HTML 4Page - VPT, Inc. SVSA2805S/K Datasheet HTML 5Page - VPT, Inc. SVSA2805S/K Datasheet HTML 6Page - VPT, Inc. SVSA2805S/K Datasheet HTML 7Page - VPT, Inc. SVSA2805S/K Datasheet HTML 8Page - VPT, Inc. SVSA2805S/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVSA2800S - 9.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 5
SVSA2800S Series
3.2 PERFORMANCE SPECIFICATIONS (CONTINUED)
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load, Unless Otherwise Specified
SVSA2815S
Parameter
Conditions3
Min
Typ
Max
Units
INPUT
Voltage
Continuous
15
28
50
V
Transient, 1 sec2
-
-
80
V
Current
INH < 1.5 V
-
4
6
mA
No Load
-
45
60
mA
Ripple Current
20 Hz to 10 MHz
-
30
50
mApp
Undervoltage Lockout
Turn-On
12
-
14.8
V
Turn-Off2
11
-
14.5
V
OUTPUT STATIC
Voltage
Tcase = 25 °C
14.85
15
15.15
V
Tcase = -55 °C to +125 °C
14.775
15
15.225
V
Power4
0
-
6
W
Current4
0
-
0.4
A
Ripple Voltage
20 Hz to 10 MHz
-
10
30
mVpp
Line Regulation
Vin = 15 V to 50 V
-
2
15
mV
Load Regulation
No Load to Full Load
-
5
50
mV
Load Fault Power Dissipation
Overload2
-
-
3
W
Short Circuit
-
-
3
W
OUTPUT DYNAMIC
Load Step, Half to Full Load
Output Transient
-
300
700
mVpk
Recovery1
-
200
400
µs
Line Step2, Vin = 16V to 40 V
Output Transient
-
700
1300
mVpk
Recovery1
-
200
600
µs
Turn-On, Vin = 0 to 28 V
Delay
-
10
20
ms
Overshoot
-
0
50
mVpk
FUNCTION
INH Pin Input2
Output Inhibited
0
-
1.5
V
INH Pin Open Circuit Voltage2
Output Enabled
9
11
13
V
GENERAL
Efficiency
72
78
-
%
Capacitive Load2
-
-
500
µF
Switching Frequency
350
450
500
kHz
Isolation
500 V DC, Tcase = 25 °C
100
-
-
MΩ
Weight
Standard package option
-
-
15
g
MTBF (MIL-HDBK-217F)
SF @ Tcase = 55 °C
-
830
-
kHr
POST-RAD END-OF-LIFE LIMITS3
Input Ripple Current
-
-
100
mApp
Output Voltage
Tcase = -55 °C to +125 °C
14.565
-
15.4
V
1. Time for output voltage to settle within 1% of steady-state value
2. Verified by qualification testing
3. End-of-Life performance includes aging and radiation degradation and is within standard limits except where noted
4. Derate linearly to 0 at 135°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com