Electronic Components Datasheet Search
  English  ▼

X  

SVRHF2805S/K Datasheet(PDF) 3 Page - VPT, Inc.

Part # SVRHF2805S/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRHF2805S/K Datasheet(HTML) 3 Page - VPT, Inc.

  SVRHF2805S/K Datasheet HTML 1Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 2Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 3Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 4Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 5Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 6Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 7Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 8Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRHF2800S - 8.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 3
SVRHF2800S Series
3.2 PERFORMANCE SPECIFICATIONS
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load, Unless Otherwise Specified
SVRHF283R3S
SVRHF2805S
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Units
INPUT
Voltage
Continuous
18
28
405
18
28
405
V
Transient, 1 sec2
-
-
50
-
-
50
V
Current
INH < 1.5 V
-
5
8
-
5
8
mA
No Load
-
30
65
-
30
65
mA
Ripple Current
20 Hz to 10 MHz
-
55
120
-
65
120
mApp
Undervoltage Lockout
Turn-On
14
-
17.8
14
-
17.8
V
Turn-Off2
13
-
17.5
13
-
17.5
V
OUTPUT STATIC
Voltage
Tcase = 25 °C
3.267
3.3
3.333
4.95
5
5.05
V
Tcase = -55 °C to +125 °C
3.25
3.3
3.35
4.925
5
5.075
V
Power
0
-
10
0
-
15
W
Current
0
-
3
0
-
3
A
Ripple Voltage
20 Hz to 10 MHz
-
50
120
-
50
120
mVpp
Line Regulation
Vin = 18 V to 40 V
-
0.1
10
-
0.1
10
mV
Load Regulation
No Load to Full Load
-
11
50
-
8
50
mV
Load Fault Power Dissipation
Overload2
-
-
8
-
-
9
W
Short Circuit
-
-
8
-
-
8
W
OUTPUT DYNAMIC
Load Step, Half to Full Load
Output Transient
-
150
350
-
200
400
mVpk
Recovery1
-
300
450
-
290
450
µs
Line Step2, Vin = 18V to 40 V
Output Transient
-
200
400
-
270
500
mVpk
Recovery1
-
430
700
-
280
400
µs
Turn-On, Vin = 0 to 28 V
Delay
-
13
20
-
11
20
ms
Overshoot
-
2
15
-
3
25
mVpk
FUNCTION
INH Pin Input2
Output Inhibited
0
-
1.5
0
-
1.5
V
INH Pin Open Circuit Voltage2
Output Enabled
9
11
13
9
11
13
V
GENERAL
Efficiency
67
72
-
72
78
-
%
Capacitive Load2
-
-
500
-
-
500
µF
Switching Frequency
350
450
500
350
450
500
kHz
Isolation
500 V DC, Tcase = 25 °C
100
-
-
100
-
-
MΩ
Weight
Non-flanged package option
-
-
24
-
-
24
g
Flanged package option
-
-
27
-
-
27
g
MTBF (MIL-HDBK-217F)3
SF, Class K @ Tcase = 55 °C
-
3.38
-
-
3.38
-
MHr
POST-RAD END-OF-LIFE LIMITS4
Input Ripple Current
-
-
150
-
-
200
mA
Output Ripple Voltage
-
-
200
-
-
200
mVpp
Output Voltage
Tcase = -55 °C to +125 °C
3.25
-
3.35
4.9
-
5.1
V
1. Time for output voltage to settle within 1% of steady-state value
2. Verified by initial electrical design verification. Post design verification,
parameter shall be guaranteed to the limits specified
3. Correction factor of 0.12 added to ceramic capacitors
4. End-of-Life performance includes aging and radiation degradation and is within
standard limits except where noted
5. 37.5 V Max continuous to be compliant to MIL-HDBK-1547 and Aerospace
TOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com