Electronic Components Datasheet Search
  English  ▼

X  

SVRHF2805S/K Datasheet(PDF) 1 Page - VPT, Inc.

Part # SVRHF2805S/K
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRHF2805S/K Datasheet(HTML) 1 Page - VPT, Inc.

  SVRHF2805S/K Datasheet HTML 1Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 2Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 3Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 4Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 5Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 6Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 7Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 8Page - VPT, Inc. SVRHF2805S/K Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRHF2800S - 8.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 1
SVRHF2800S SERIES
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF Series DC-DC Converter
Models Available
Input: 18 V to 40 V continuous, 50 V transient
15 W, single output of 3.3 V, 5 V, 12 V, 15 V
Qualified to MIL-PRF-38534 Class H and Class K
Designed for TOR Compliance
1.0 DESCRIPTION
The SVRHF Series of space qualified DC-DC converters is
specifically designed for the harsh radiation environment of
space applications and is designed in accordance with
Aerospace TOR requirements. Performance is guaranteed
through the use of hardened semiconductor components,
radiation lot acceptance testing (RLAT) of non-hardened
components, and analysis. The SVRHF Series has been
characterized for Total Ionizing Dose (TID) performance
including Enhanced Low Dose Rate Sensitivity (ELDRS) and for
Single Event Effects (SEE) according to VPT’s DLA-approved
Radiation Hardness Assurance (RHA) plan per MIL-PRF-38534,
Appendix G, Level R. Characterization is performed at both the
component level and at the SVRHF Series hybrid converter level.
The SVRHF Series of DC-DC converters is radiation hardened
and suited for use in low Earth orbit (LEO), medium Earth orbit
(MEO), geostationary orbit (GEO), deep space, and launch
vehicle programs.
1.1 FEATURES
• Up to 15 W output power
• Wide input voltage range: 18 V to 40 V plus 50 V transient
• Continuous operation over full military temperature range of
-55 °C to +125 °C with no power derating
• Very low output noise
• Radiation immune magnetic feedback circuit
• No use of optoisolators
• Undervoltage lockout
• Current limit protection / short circuit protection
1.2 SPACE LEVEL CHARACTERIZATIONS
• Guaranteed TID performance to 100 krad(Si) including ELDRS
• SEE performance to 85 MeV/mg/cm2. Transients are fully
characterized for cross section and magnitude
• Worst-case analysis, stress, radiation, reliability reports available
1.3 MANUFACTURING AND COMPLIANCE
• Qualified to MIL-PRF-38534 Class H and Class K,
DLA SMD # 5962-13231
• Available compliant to MIL-HDBK-1547 and Aerospace TOR
component level element evaluation
• MIL-PRF-38534 element evaluated components
• MIL-STD-461 C/D/E/F when used with appropriate VPT EMI filter
• Manufactured in a MIL-PRF-38534 Class H and Class K facility
• MIL-STD-883
• ISO-9001
1.4 PACKAGING
• Low-profile: 2.00” x 1.130” x 0.355”
• Max weight: 27 g
• Industry standard pinout
• Precision projection-welded hermetic metal case
• Flanged and Non-flanged versions available
1.5 SIMILAR PRODUCTS AND ACCESSORIES
• SVRHF 15 W dual output DC-DC converter
• SVHF 20 W space qualified DC-DC converter, 30 krad(Si)
• Custom versions available
• EMI filters
• Non-isolated, space qualified point of load converters
• Use with Thermal Pad TP-002
Products and reports described in this datasheet are subject to all export license restrictions and regulations which may include but are not limited to ITAR
(International Traffic in Arms Regulations) and the Export Administration and Foreign Assets Control Regulations. Further restrictions may apply. Contact VPT
sales for details.


Similar Part No. - SVRHF2805S/K

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVRHF2805D/H+ VPT-SVRHF2805D/H+ Datasheet
706Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF2805D/H+-E VPT-SVRHF2805D/H+-E Datasheet
706Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF2805D/K VPT-SVRHF2805D/K Datasheet
706Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF2805D/K-E VPT-SVRHF2805D/K-E Datasheet
706Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF2805DF/H+ VPT-SVRHF2805DF/H+ Datasheet
706Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
More results

Similar Description - SVRHF2805S/K

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVFL2800D VPT-SVFL2800D Datasheet
884Kb / 19P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVFL2800S VPT-SVFL2800S Datasheet
954Kb / 16P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVHF2800D VPT-SVHF2800D Datasheet
895Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRFL2800D VPT-SVRFL2800D Datasheet
727Kb / 16P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRFL2800S VPT-SVRFL2800S Datasheet
820Kb / 16P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRHF2800D VPT-SVRHF2800D Datasheet
706Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRSA2800D VPT-SVRSA2800D Datasheet
734Kb / 14P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVRTR2800S VPT-SVRTR2800S Datasheet
734Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVSA2800S VPT-SVSA2800S Datasheet
726Kb / 14P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
SVTR2800D VPT-SVTR2800D Datasheet
852Kb / 15P
SPACE QUALIFIED HYBRID DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com