Electronic Components Datasheet Search
  English  ▼

X  

8086 Datasheet(PDF) 12 Page - Intel Corporation

Part # 8086
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086 Datasheet(HTML) 12 Page - Intel Corporation

Back Button 8086 Datasheet HTML 8Page - Intel Corporation 8086 Datasheet HTML 9Page - Intel Corporation 8086 Datasheet HTML 10Page - Intel Corporation 8086 Datasheet HTML 11Page - Intel Corporation 8086 Datasheet HTML 12Page - Intel Corporation 8086 Datasheet HTML 13Page - Intel Corporation 8086 Datasheet HTML 14Page - Intel Corporation 8086 Datasheet HTML 15Page - Intel Corporation 8086 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
8086
EXTERNAL SYNCHRONIZATION VIA TEST
As an alternative to the interrupts and general I/O
capabilities, the 8086 provides a single software-
testable input known as the TEST signal. At any time
the program may execute a WAIT instruction. If at
that time the TEST signal is inactive (HIGH), pro-
gram execution becomes suspended while the proc-
essor waits for TEST to become active. It must
remain active for at least 5 CLK cycles. The WAIT
instruction is re-executed repeatedly until that time.
This activity does not consume bus cycles. The
processor remains in an idle state while waiting. All
8086 drivers go to 3-state OFF if bus ‘‘Hold’’ is en-
tered. If interrupts are enabled, they may occur while
the processor is waiting. When this occurs the proc-
essor fetches the WAIT instruction one extra time,
processes the interrupt, and then re-fetches and re-
executes the WAIT instruction upon returning from
the interrupt.
Basic System Timing
Typical system configurations for the processor op-
erating in minimum mode and in maximum mode are
shown in Figures 4a and 4b, respectively. In mini-
mum mode, the MN/MX pin is strapped to VCC and
the processor emits bus control signals in a manner
similar to the 8085. In maximum mode, the MN/MX
pin is strapped to VSS and the processor emits cod-
ed status information which the 8288 bus controller
uses to generate MULTIBUS compatible bus control
signals. Figure 5 illustrates the signal timing relation-
ships.
231455 – 10
Figure 7. 8086 Register Model
SYSTEM TIMING–MINIMUM SYSTEM
The read cycle begins in T1 with the assertion of the
Address Latch Enable (ALE) signal. The trailing (low-
going) edge of this signal is used to latch the ad-
dress information, which is valid on the local bus at
this time, into the address latch. The BHE and A0
signals address the low, high, or both bytes. From T1
to T4 the M/IO signal indicates a memory or I/O
operation. At T2 the address is removed from the
local bus and the bus goes to a high impedance
state. The read control signal is also asserted at T2.
The read (RD) signal causes the addressed device
to enable its data bus drivers to the local bus. Some
time later valid data will be available on the bus and
the addressed device will drive the READY line
HIGH. When the processor returns the read signal to
a HIGH level, the addressed device will again 3-
state its bus drivers. If a transceiver is required to
buffer the 8086 local bus, signals DT/R and DEN
are provided by the 8086.
A write cycle also begins with the assertion of ALE
and the emission of the address. The M/IO signal is
again asserted to indicate a memory or I/O write
operation. In the T2 immediately following the ad-
dress emission the processor emits the data to be
written into the addressed location. This data re-
mains valid until the middle of T4. During T2, T3, and
TW the processor asserts the write control signal.
The write (WR) signal becomes active at the begin-
ning of T2 as opposed to the read which is delayed
somewhat into T2 to provide time for the bus to float.
The BHE and A0 signals are used to select the prop-
er byte(s) of the memory/IO word to be read or writ-
ten according to the following table:
BHE
A0
Characteristics
0
0
Whole word
0
1
Upper byte from/to
odd address
1
0
Lower byte from/to
even address
1
1
None
I/O ports are addressed in the same manner as
memory location. Even addressed bytes are trans-
ferred on the D7–D0 bus lines and odd addressed
bytes on D15–D8.
The basic difference between the interrupt acknowl-
edge cycle and a read cycle is that the interrupt ac-
knowledge signal (INTA) is asserted in place of the
read (RD) signal and the address bus is floated.
(See Figure 6.) In the second of two successive
INTA cycles, a byte of information is read from bus
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com