Electronic Components Datasheet Search
  English  ▼

X  

8086 Datasheet(PDF) 13 Page - Intel Corporation

Part # 8086
Description  16-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8086 Datasheet(HTML) 13 Page - Intel Corporation

Back Button 8086 Datasheet HTML 9Page - Intel Corporation 8086 Datasheet HTML 10Page - Intel Corporation 8086 Datasheet HTML 11Page - Intel Corporation 8086 Datasheet HTML 12Page - Intel Corporation 8086 Datasheet HTML 13Page - Intel Corporation 8086 Datasheet HTML 14Page - Intel Corporation 8086 Datasheet HTML 15Page - Intel Corporation 8086 Datasheet HTML 16Page - Intel Corporation 8086 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
8086
lines D7–D0 as supplied by the inerrupt system logic
(i.e., 8259A Priority Interrupt Controller). This byte
identifies the source (type) of the interrupt. It is multi-
plied by four and used as a pointer into an interrupt
vector lookup table, as described earlier.
BUS TIMING–MEDIUM SIZE SYSTEMS
For medium size systems the MN/MX pin is con-
nected to VSS and the 8288 Bus Controller is added
to the system as well as a latch for latching the sys-
tem address, and a transceiver to allow for bus load-
ing greater than the 8086 is capable of handling.
Signals ALE, DEN, and DT/R are generated by the
8288 instead of the processor in this configuration
although their timing remains relatively the same.
The 8086 status outputs (S2, S1, and S0) provide
type-of-cycle information and become 8288 inputs.
This bus cycle information specifies read (code,
data,
or
I/O),
write
(data
or
I/O),
interrupt
acknowledge, or software halt. The 8288 thus issues
control signals specifying memory read or write, I/O
read or write, or interrupt acknowledge. The 8288
provides two types of write strobes, normal and ad-
vanced, to be applied as required. The normal write
strobes have data valid at the leading edge of write.
The advanced write strobes have the same timing
as read strobes, and hence data isn’t valid at the
leading edge of write. The transceiver receives the
usual DIR and G inputs from the 8288’s DT/R and
DEN.
The pointer into the interrupt vector table, which is
passed during the second INTA cycle, can derive
from an 8259A located on either the local bus or the
system bus. If the master 8259A Priority Interrupt
Controller is positioned on the local bus, a TTL gate
is required to disable the transceiver when reading
from the master 8259A during the interrupt acknowl-
edge sequence and software ‘‘poll’’.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com