Electronic Components Datasheet Search
  English  ▼

X  

VPTF3-28W Datasheet(PDF) 7 Page - VPT, Inc.

Part # VPTF3-28W
Description  HIGH RELIABILITY COTS DC-DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VPTF3-28W Datasheet(HTML) 7 Page - VPT, Inc.

  VPTF3-28W Datasheet HTML 1Page - VPT, Inc. VPTF3-28W Datasheet HTML 2Page - VPT, Inc. VPTF3-28W Datasheet HTML 3Page - VPT, Inc. VPTF3-28W Datasheet HTML 4Page - VPT, Inc. VPTF3-28W Datasheet HTML 5Page - VPT, Inc. VPTF3-28W Datasheet HTML 6Page - VPT, Inc. VPTF3-28W Datasheet HTML 7Page - VPT, Inc. VPTF3-28W Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VPTF3-28 SERIES DATASHEET
6.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
7
6.0 PACKAGE PIN DESCRIPTION
Pin
Function
Description
1
INCOM
Input Return Connection
2
28VIN
Positive Input Voltage Connection
3
28VOUT
Positive Output Voltage Connection
4
CASE
Case Connection
5
OUTCOM
Output Return Connection
7.0 ENVIRONMENTAL SCREENING
Screening
Condition
Internal Visual
IPC-A-610, Class 3
Stabilization Bake
MIL-STD-883, Method 1008, Condition B, 125°C, 24 hours
Temperature Cycling
MIL-STD-883, Method 1010, Condition B, -55°C to +125°C, 10 Cycles
Burn-In
96 hours at +100°C
Final Electrical
100% at 25 °C
External Visual
Internal Procedure
8.0 ORDERING INFORMATION
VPTF3
28
w
1
2
3
(1)
Product
Series
(2)
Nominal Input
Voltage
(3)
Package Option
VPTF3-
28
28 Volts
None
W
Standard Metal
Epoxy Encapsulated
Please contact your sales representative or the VPT Inc. Sales Department for more information concerning additional
environmental screening and testing, different input voltage, output voltage, power requirements, and source inspection.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com