Electronic Components Datasheet Search
  English  ▼

X  

VPTF3-28W Datasheet(PDF) 1 Page - VPT, Inc.

Part # VPTF3-28W
Description  HIGH RELIABILITY COTS DC-DC CONVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VPTF3-28W Datasheet(HTML) 1 Page - VPT, Inc.

  VPTF3-28W Datasheet HTML 1Page - VPT, Inc. VPTF3-28W Datasheet HTML 2Page - VPT, Inc. VPTF3-28W Datasheet HTML 3Page - VPT, Inc. VPTF3-28W Datasheet HTML 4Page - VPT, Inc. VPTF3-28W Datasheet HTML 5Page - VPT, Inc. VPTF3-28W Datasheet HTML 6Page - VPT, Inc. VPTF3-28W Datasheet HTML 7Page - VPT, Inc. VPTF3-28W Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
6.0
SALES INFORMATION: phone (425) 353-3010 • fax (425) 353-4030 • vptsales@vptpower.com • www.vptpower.com
1
VPTF3-28 SERIES
HIGH RELIABILITY COTS DC-DC CONVERTERS
Models Available
3 A output
-55 °C to 100 °C Operation
1.0 DESCRIPTION
The VPTF3 series of COTS EMI filters is a cost effective solution for
many demanding high reliability applications. A wide input voltage
range accommodates nominal 28V inputs including avionics,
mobile, ground systems, and other applications. The VPTF3 EMI
filter is designed to filter the conducted emissions of multiple VPT
series DC-DC converters up to its current rating, providing
compliance to MIL-STD-461C/D/E for conducted emissions. A
proven design heritage, no optoisolators and a rugged all metal or
optional epoxy encapsulated package ensure long term reliability.
The VPTF3 series is intended for harsh environments including
severe vibration, shock and temperature cycling. Testing is to
JESD22, MIL-STD-810, and MIL-STD-883.
These converters are designed and manufactured in a facility
certified to ISO9001, J-STD-001 and
IPC-A-610.
This product may incorporate one or more of the following U.S.
patents:
5,784,266
5,790,389
5,963,438
5,999,433
6,005,780
6,084,792
6,118,673
1.1 FEATURES
• High reliability at low cost
• Up to 3.0 Amp maximum current
• Up to 75 W output power
• Wide input voltage range: 0 to 50 Volts per MIL-STD-704 and
MIL-STD-1275
• High input transient voltage: 80 Volts for 1 sec per
MIL-STD-704A
• 55 dB minimum attenuation at 500 kHz
• Wide temperature range, -55 °C to 100 °C
• Internally conformal coated
• Standard six sided non-hermetic rugged metal package
• Optional six sided rugged epoxy encapsulated
V-SHIELD® Package with integral metalized EMI shield that is
fully compatible with aqueous cleaning processes
1.2 COMPLIANCE
• MIL-STD-1275, MIL-STD-704
• Meets MIL-STD-461C-F conducted omissions requirements when
used with a VPT Series DC-DC converter
• Meets conducted susceptibility requirements of MIL-STD-461C,
CS01 and CS02, and MIL-STD-461C-F when used with a VPT
Series DC-DC converter
• Meets EN55022/EN55032 Class A and B when used with an
appropriate VPT DC-DC Converter
1.3 PACKAGING
• Low-profile: 1.585” x 1.175” x 0.400”
• Optional Rugged Epoxy Encapsulated V-SHIELD® Package
• Max weight: 30 g
1.4 SIMILAR PRODUCTS AND ACCESSORIES
• DVMC28 4 A EMI filter for military/avionics applications
• VXRF5-28 5 A EMI filter for military/commercial applications
• VHRF3 3 A EMI filter for military/commercial applications
• EMI filters, Thermal Pads, Front-End Modules and Accessories


Similar Part No. - VPTF3-28W

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
VPTF1-28 VPT-VPTF1-28 Datasheet
910Kb / 8P
HIGH RELIABILITY COTS EMI FILTERS
VPTF10-28 VPT-VPTF10-28 Datasheet
1,016Kb / 10P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VPTF10-28W VPT-VPTF10-28W Datasheet
1,016Kb / 10P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VPTF20-28 VPT-VPTF20-28 Datasheet
929Kb / 8P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VPTF20-28W VPT-VPTF20-28W Datasheet
929Kb / 8P
HIGH RELIABILITY COTS DC-DC CONVERTERS
More results

Similar Description - VPTF3-28W

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
VHR5-2800S VPT-VHR5-2800S Datasheet
1Mb / 8P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VHR15-2800S VPT-VHR15-2800S Datasheet
2Mb / 9P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VHR30-2800S VPT-VHR30-2800S Datasheet
2Mb / 9P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VHR1002800S VPT-VHR1002800S Datasheet
1Mb / 11P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VHRF20-28 VPT-VHRF20-28 Datasheet
1Mb / 7P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VPT100-2800S VPT-VPT100-2800S Datasheet
1Mb / 10P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VPT250-2800S VPT-VPT250-2800S Datasheet
1Mb / 10P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VPT1002800S VPT-VPT1002800S Datasheet
1Mb / 11P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VXR15-2800D VPT-VXR15-2800D Datasheet
1Mb / 11P
HIGH RELIABILITY COTS DC-DC CONVERTERS
VXR30-2800S VPT-VXR30-2800S Datasheet
1Mb / 12P
HIGH RELIABILITY COTS DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com