Electronic Components Datasheet Search
  English  ▼

X  

IXFR90N30 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFR90N30
Description  Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR90N30 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFR90N30 Datasheet HTML 1Page - IXYS Corporation IXFR90N30 Datasheet HTML 2Page - IXYS Corporation IXFR90N30 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
300
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
300
V
V
GSS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C = 25°C
75
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
360
A
I
A
T
C = 25°C90
A
E
AS
T
C = 25°C3
J
dv/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
5
V/ns
P
D
T
C = 25°C
417
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
Plastic Body for 10s
260
°C
V
ISOL
50/60 Hz, 1 Minute
2500
V~
F
C
Mounting Force
20..120/4.5..27
N/lb
Weight
5
g
DS98764A(6/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
300
V
V
GS(th)
V
DS = VGS, ID = 4mA
2.0
4.5
V
I
GSS
V
GS = ±20V, VDS = 0V
±100 nA
I
DSS
V
DS = VDSS, VGS = 0V
100
μA
T
J = 125°C
2 mA
R
DS(on)
V
GS = 10V, ID = 45A, Note 1
36 m
Ω
HiPerFETTM
Power MOSFET
IXFR90N30
V
DSS
=
300V
I
D25
=
75A
R
DS(on) ≤
≤≤≤≤
36m
Ω
Ω
Ω
Ω
Ω
t
rr
≤≤≤≤≤
250ns
Features
Silicon Chip on Direct-Copper Bond
(DCB) Substrate
Isolated Mounting Surface
2500V~ Electrical Isolation
Avalanche Rated
Fast Intrinsic Rectifier
Low R
DS(ON) and QG
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
DC-DC Converters
Battery Chargers
Switch-Mode and Resonant-Mode
Power Supplies
DC Choppers
AC & DC Motor Controls
G = Gate
D
= Drain
S = Source
ISOPLUS247
E153432
G
S
D
Isolated
Tab
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrinsic Rectifier
(Electrically Isolated Tab)


Similar Part No. - IXFR90N30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFR90N30 IXYS-IXFR90N30 Datasheet
55Kb / 2P
HiPerFET Power MOSFETs ISOPLUS247
More results

Similar Description - IXFR90N30

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com