Electronic Components Datasheet Search
  English  ▼

X  

IXFR90N30 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFR90N30
Description  Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFR90N30 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFR90N30 Datasheet HTML 1Page - IXYS Corporation IXFR90N30 Datasheet HTML 2Page - IXYS Corporation IXFR90N30 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IXFR90N30
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note
1. Pulse test, t
≤ 300μs, duty cycle, d ≤ 2%.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 10V, ID = 45A, Note 1
40
70
S
C
iss
10
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
1800
pF
C
rss
700
pF
t
d(on)
42
ns
t
r
55
ns
t
d(off)
100
ns
t
f
40
ns
Q
g(on)
360
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 45A
60
nC
Q
gd
180
nC
R
thJC
0.30
°C/W
R
thCS
0.15
°C/W
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 45A
R
G = 2Ω (External)
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
90
A
I
SM
Repetitive, Pulse Width Limited by T
JM
360
A
V
SD
I
F = 45A, VGS = 0V, Note 1
1.5 V
t
rr
250 ns
Q
RM
1.4
μC
I
RM
10
A
I
F = 50A, -di/dt = -100A/μs
V
R = -100V, VGS = 0V
ISOPLUS247 (IXFR) Outline
1 - Gate
2 - Drain
3 - Source



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com