Electronic Components Datasheet Search
  English  ▼

X  

CTT2223 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTT2223
Description  600V Random Phase High Power Photo TRIAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTT2223 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTT2223 Datasheet HTML 1Page - CT Micro International Corporation CTT2223 Datasheet HTML 2Page - CT Micro International Corporation CTT2223 Datasheet HTML 3Page - CT Micro International Corporation CTT2223 Datasheet HTML 4Page - CT Micro International Corporation CTT2223 Datasheet HTML 5Page - CT Micro International Corporation CTT2223 Datasheet HTML 6Page - CT Micro International Corporation CTT2223 Datasheet HTML 7Page - CT Micro International Corporation CTT2223 Datasheet HTML 8Page - CT Micro International Corporation CTT2223 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Nov, 2017
CTT0223, CTT1223, CTT2223, CTT3223
600V Random Phase High Power Photo TRIAC
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Features
High isolation 5000 VRMS
Supports 0.3 A, 0.6 A, 0.9 A and 1.2 A
RoHS compliant
REACH compliance
External creepage > 7.5mm
Internal creepage > 6.0mm
Insulation distance > 0.4mm
Regulatory Approvals
UL - UL1577 (pending approval)
VDE - EN60747-5-5(VDE0884-5)
CQC
– GB4943.1, GB8898
IEC60065, IEC60950
Description
The random phase power Triac consists of a Triac
and a photo-Triac, which is optically coupled to a
gallium arsenide Infrared emitting diode, and house
in a 7-lead DIP package. It also comes with different
lead forming options.
Applications
Home appliances
Industrial equipment


Similar Part No. - CTT2223

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTT2213 CTMICRO-CTT2213 Datasheet
1Mb / 12P
600V Zero Cross High Power Photo TRIAC
More results

Similar Description - CTT2223

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
TD3022 SSOUSA-TD3022 Datasheet
263Kb / 4P
Random-Phase Triac Driver
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
Random-Phase Triac Driver
logo
List of Unclassifed Man...
Q301X ETC2-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
Q301X ETC1-Q301X Datasheet
890Kb / 14P
RANDOM-PHASE TRIAC OPTOCOUPLER
logo
CT Micro International ...
CTT0213 CTMICRO-CTT0213 Datasheet
1Mb / 12P
600V Zero Cross High Power Photo TRIAC
logo
Guangdong Youtai Semico...
MOC3020SM UMW-MOC3020SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3021SM UMW-MOC3021SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3022M UMW-MOC3022M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3022SM UMW-MOC3022SM Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
MOC3023M UMW-MOC3023M Datasheet
1Mb / 6P
Random Phase Triac Driven Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com