Electronic Components Datasheet Search
  English  ▼

X  

CTT2223 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTT2223
Description  600V Random Phase High Power Photo TRIAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTT2223 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTT2223 Datasheet HTML 1Page - CT Micro International Corporation CTT2223 Datasheet HTML 2Page - CT Micro International Corporation CTT2223 Datasheet HTML 3Page - CT Micro International Corporation CTT2223 Datasheet HTML 4Page - CT Micro International Corporation CTT2223 Datasheet HTML 5Page - CT Micro International Corporation CTT2223 Datasheet HTML 6Page - CT Micro International Corporation CTT2223 Datasheet HTML 7Page - CT Micro International Corporation CTT2223 Datasheet HTML 8Page - CT Micro International Corporation CTT2223 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 2
Nov, 2017
CTT0223, CTT1223, CTT2223, CTT3223
600V Random Phase High Power Photo TRIAC
Absolute Maximum Rating at 25oC
Symbol
Parameters
Ratings
Units
Notes
Viso
Isolation voltage
5000
Vrms
TOPR
Operating temperature
-40 ~+85
oC
TSTG
Storage temperature
-40 ~+125
oC
TSOL
Soldering temperature
260
oC
Wave soldering temperature
260
oC
Emitter
IF
LED forward current
50
mA
VR
LED reverse voltage
6
V
IFP
Peak forward current
1
A
Pin
Power dissipation
75
mW
Detector
VDRM
Repetitive peak OFF-state voltage
600
V
IT(RMS)
Continuous Current Load
CTT0223
0.3
A
CTT1223
0.6
CTT2223
0.9
CTT3223
1.2
ITSM
Peak Current Load
CTT0223
3
A
CTT1223
6
CTT2223
9
CTT3223
12
Pout
Power dissipation
800
mW
PT
Total power dissipation
850
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com