Electronic Components Datasheet Search
  English  ▼

X  

PX1391 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # PX1391
Description  REACTOR FOR INVERTER SYSTEMS HIGH POWER AC FILTERING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX1391 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  PX1391 Datasheet HTML 1Page - MPS Industries, Inc. PX1391 Datasheet HTML 2Page - MPS Industries, Inc. PX1391 Datasheet HTML 3Page - MPS Industries, Inc. PX1391 Datasheet HTML 4Page - MPS Industries, Inc. PX1391 Datasheet HTML 5Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PX1391 SERIES
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
DC BIAS CHARACTERISTICS
DIMENSIONS
Marking
Dimension
H
3.94 Max
[100.0]
2.56 Max
[65.0]
Leads are for reference only.
Final mounting configuration to
be determined by customer.
-
10
20
30
40
50
60
70
80
90
100
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95 100 105 110 115 120
Current [A]
99.0uH
-
20
40
60
80
100
120
140
160
180
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Current [A]
176.0uH
-
50
100
150
200
250
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Current [A]
240.0uH
-
50
100
150
200
250
300
350
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Current [A]
317.5uH
REACTOR FOR INVERTER SYSTEMS
HIGH POWER AC FILTERING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com