Electronic Components Datasheet Search
  English  ▼

X  

PX1391 Datasheet(PDF) 3 Page - MPS Industries, Inc.

Part # PX1391
Description  REACTOR FOR INVERTER SYSTEMS HIGH POWER AC FILTERING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

PX1391 Datasheet(HTML) 3 Page - MPS Industries, Inc.

  PX1391 Datasheet HTML 1Page - MPS Industries, Inc. PX1391 Datasheet HTML 2Page - MPS Industries, Inc. PX1391 Datasheet HTML 3Page - MPS Industries, Inc. PX1391 Datasheet HTML 4Page - MPS Industries, Inc. PX1391 Datasheet HTML 5Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
PX1391 SERIES
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
DC BIAS CHARACTERISTICS
-
50
100
150
200
250
300
350
400
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
Current [A]
397.0uH
-
50
100
150
200
250
300
350
400
450
5
10
15
20
25
30
35
40
45
50
55
60
65
70
Current [A]
432.0uH
-
50
100
150
200
250
300
350
400
450
500
5
10
15
20
25
30
35
40
45
50
Current [A]
490.0uH
-
100
200
300
400
500
600
5
10
15
20
25
30
35
40
45
50
55
60
Current [A]
595.0uH
-
100
200
300
400
500
600
700
800
5
10
15
20
25
30
35
40
45
50
55
60
Current [A]
705.0uH
-
100
200
300
400
500
600
700
800
5
10
15
20
25
30
35
40
45
50
Current [A]
734.0uH
-
100
200
300
400
500
600
700
800
900
5
10
15
20
25
30
35
40
Current [A]
882.0uH
-
100
200
300
400
500
600
700
800
900
1,000
5
10
15
20
25
30
35
Current [A]
960.0uH
REACTOR FOR INVERTER SYSTEMS
HIGH POWER AC FILTERING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com