Electronic Components Datasheet Search
  English  ▼

X  

LMV651 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV651
Description  12MHz, Low Voltage, Low Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV651 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV651 Datasheet HTML 1Page - National Semiconductor (TI) LMV651 Datasheet HTML 2Page - National Semiconductor (TI) LMV651 Datasheet HTML 3Page - National Semiconductor (TI) LMV651 Datasheet HTML 4Page - National Semiconductor (TI) LMV651 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5V DC Electrical Characteristics
Unless otherwise specified, all limits are guaranteed for T
J = 25˚C, V
+ = 5V, V− = 0V,V
O =VCM =V
+/2, and R
L > 1M
Ω. Bold-
face limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
OS
Input Offset Voltage
−0.1
±1mV
I
B
Input Bias Current
(Note 6)
80
nA
I
OS
Input Offset Current
2.2
nA
CMRR
Common Mode Rejection
Ratio
V
CM Step from 0V to 3.5V
90
100
dB
PSRR
Power Supply Rejection Ratio
V
+ =3Vto5V, V
O = 1.5V, VCM = 0.5V
85
95
dB
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50 dB
0
4
V
A
VOL
Large Signal Voltage Gain
V
O = 0.5V to 4.5V, RL =2k
Ω
83
dB
V
O = 0.5V to 4.5V, RL =10k
Ω
93
V
O
Output Swing High
R
L =2k
Ω to V+/2
50
mV from
rail
R
L =10k
Ω to V+/2
30
Output Swing Low
R
L =2k
Ω to V+/2
50
R
L =10k
Ω to V+/2
30
I
SC
Output Short Circuit Current
Sourcing to V
+/2
V
IN Differential = 100 mV (Note 8)
15
18.5
mA
Sinking from V
+/2
V
IN Differential = −100 mV (Note 8)
50
52
I
S
Supply Current per Amplifier
110
125
µA
SR
Slew Rate
A
V = +1, VO =1VPP
10% to 90% (Note 7)
2.8
V/µs
GBW
Gain Bandwidth Product
12
MHz
e
n
Input-Referred Voltage Noise
f = 100 kHz
17
nV/
f = 1 kHz
17
i
n
Input-Referred Current Noise
f = 100 kHz
0.1
pA/
f = 1 kHz
0.15
THD
Total Harmonic Distortion
f = 1 kHz, A
V =2,RL = 600
Ω
0.003
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics Tables.
Note 2: Human body model: 1.5 k
Ω in series with 100 pF. Machine Model: 0Ω in series with 200 pF
Note 3: The maximum power dissipation is a function of TJ(MAX, θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
Note 4: Typical values represent the most likely parametric norm at the time of characterization.
Note 5: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlations using Statistical Quality Control
(SQC) method.
Note 6: Positive current corresponds to current flowing into the device.
Note 7: Slew rate is the average of the rising and falling slew rates.
Note 8: Short circuit test is a momentary test.
www.national.com
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com