Electronic Components Datasheet Search
  English  ▼

X  

LMV651 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV651
Description  12MHz, Low Voltage, Low Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV651 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV651 Datasheet HTML 1Page - National Semiconductor (TI) LMV651 Datasheet HTML 2Page - National Semiconductor (TI) LMV651 Datasheet HTML 3Page - National Semiconductor (TI) LMV651 Datasheet HTML 4Page - National Semiconductor (TI) LMV651 Datasheet HTML 5Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LMV651
12 MHz, Low Voltage, Low Power Amplifier
General Description
National’s LMV651 is a high performance, low power op amp
IC implemented in National’s advanced VIP50 process. The
unity gain stable LMV651 features 12 MHz of bandwidth
while consuming only 110 uA of current, an exceptional
bandwidth to power ratio in this op amp class, and maintains
stability for capacitive loads as large as 500 pF.
The LMV651 provides superior performance and economy in
terms of power and space usage. The LMV651 has a maxi-
mum input offset voltage of 1 mV, a rail to rail output stage
and an input common-mode voltage range that includes
ground. The LMV651 provides a PSRR of 95 dB, a CMRR of
100 dB and a total harmonic distortion (THD) of 0.003% at
1 kHz frequency and 600
Ω load
The LMV651 has an operating supply voltage range from
2.7V to 5.5V. The LMV651 can operate over a wide tempera-
ture range (-40˚C to +125˚C) making the op amp ideal for
automotive applications, sensor applications and portable
equipment applications. The LMV651 is available in the ultra
tiny SC70-5 package, which is about half the size of the
SOT23-5.
Features
(Typical 5V supply, unless otherwise noted)
n
Guaranteed 3.0V and 5.0V performance
n
High unity gain bandwidth
12 MHz
n
Low power supply current
110 µA
n
Max input offset voltage
1 mV
n
Capacitive load drive capability
500 pF
n
CMRR
100 dB
n
PSRR
95 dB
n
Input referred voltage noise
17nV/
n
Output swing with 2 k
Ω load
50 mV from rail
n
Total harmonic distortion
0.003% @ 1 kHz, 600
Ω
n
Temperature range
−40˚C to 125˚C
Applications
n
Portable equipment
n
Automotive
n
Battery powered systems
n
Sensors and Instrumentation
20123806
Open Loop Gain and phase vs. Frequency
20123805
THD+N vs. Frequency
PRELIMINARY
September 2005
© 2005 National Semiconductor Corporation
DS201238
www.national.com


Similar Part No. - LMV651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV651 NSC-LMV651 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651 Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
logo
Texas Instruments
LMV651 TI1-LMV651 Datasheet
1Mb / 33P
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
LMV651 TI2-LMV651 Datasheet
1Mb / 39P
LMV65x 12-MHz, Low Voltage, Low Power Amplifiers
REVISED MAY 2016
logo
National Semiconductor ...
LMV651MF NSC-LMV651MF Datasheet
1,004Kb / 16P
12 MHz, Low Voltage, Low Power Amplifiers
More results

Similar Description - LMV651

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2070 NJRC-NJM2070 Datasheet
127Kb / 4P
LOW VOLTAGE POWER AMPLIFIER
logo
Toshiba Semiconductor
TA7140P TOSHIBA-TA7140P Datasheet
469Kb / 6P
VOLTAGE AMPLIFIER LOW OUTPUT POWER AMPLIFIER
logo
Cirrus Logic
CS3014 CIRRUS-CS3014 Datasheet
676Kb / 8P
Dual Low-power / Low-voltage Precision Amplifier
CS3013 CIRRUS-CS3013 Datasheet
671Kb / 8P
Low-power / Low-voltage Precision Amplifier
logo
National Semiconductor ...
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
logo
Cirrus Logic
CS3014 CIRRUS-CS3014_07 Datasheet
485Kb / 8P
Low-power / Low-voltage Precision Amplifier
logo
Linear Dimensions Semic...
LND386 LINEAR_DIMENSIONS-LND386 Datasheet
137Kb / 3P
LOW VOLTAGE AUDIO POWER AMPLIFIER
logo
Cirrus Logic
CS3013 CIRRUS-CS3013_09 Datasheet
316Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3014 CIRRUS-CS3014_09 Datasheet
286Kb / 10P
Low-power / Low-voltage Precision Amplifier
CS3013_0910 CIRRUS-CS3013_0910 Datasheet
702Kb / 10P
Low-power / Low-voltage Precision Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com