Electronic Components Datasheet Search
  English  ▼

X  

MJWI06C Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MJWI06C
Description  DC-DC Power Module 6W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI06C Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MJWI06C Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJWI06C SERIES
DC-DC Power Module 6W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2018/10/08 REV:6
Page 4 of 6
®
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
3
+Vin
+Vin
4
-Vout
-Vout
5
NC
Common
6
+Vout
+Vout
NC: No Connection
►All dimensions in mm (inches)
►Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
Physical Characteristics
Case Size
:
53.0x34.0x26.5mm (2.09x1.34x1.04 inches)
Case Material
:
Plastic resin (flammability to UL 94V-0 rated)
Weight
:
49.05g
POWER "GOOD" INDICATOR
Top view
1
4
6
5
2
3
DC-
ON
33.0 [1.30]
10.0 [0.39]
Indication LED
44.0 [1.73]
53.0 [2.09]
4X 2.3
4.5 [0.18]
33.8 [1.33]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com