Electronic Components Datasheet Search
  English  ▼

X  

MJWI06C Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MJWI06C
Description  DC-DC Power Module 6W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI06C Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MJWI06C Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI06C Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJWI06C SERIES
DC-DC Power Module 6W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2018/10/08 REV:6
Page 3 of 6
®
Environmental Specifications
Parameter
Min.
Max.
Unit
Operating Ambient Temperature Range
(See Power Derating Curve)
-40
+92.5
℃
Case Temperature
---
+105
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction & Radiation
EN 55032, FCC part 15
Class A
EMS
EN55035
ESD
Direct discharge
Indirect discharge HCP & VCP
EN61000-4-2 Air ± 8kV, Contact ± 6kV
Contact ± 6kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient
EN61000-4-4 ±2kV
A
Surge
EN61000-4-5 ±2kV
A
Conducted immunity
EN61000-4-6 10Vrms
A
PFMF
EN61000-4-8 100A/m
A
Power Derating Curve
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
Other input and output voltage may be available, please contact factory.
5
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com