Electronic Components Datasheet Search
  English  ▼

X  

MSCU01M Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # MSCU01M
Description  DC/DC CONVERTER 1W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCU01M Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  MSCU01M Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSCU01M SERIES
DC/DC CONVERTER 1W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2017/12/18 REV:2
Page 4 of 5
Order Code Table
Standard
For water-washable process
MSCU01-05S05M
MSCU01-05S05M-W
MSCU01-05S12M
MSCU01-05S12M-W
MSCU01-05S15M
MSCU01-05S15M-W
MSCU01-05D12M
MSCU01-05D12M-W
MSCU01-05D15M
MSCU01-05D15M-W
MSCU01-12S05M
MSCU01-12S05M-W
MSCU01-12S12M
MSCU01-12S12M-W
MSCU01-12S15M
MSCU01-12S15M-W
MSCU01-12D12M
MSCU01-12D12M-W
MSCU01-12D15M
MSCU01-12D15M-W
MSCU01-24S05M
MSCU01-24S05M-W
MSCU01-24S12M
MSCU01-24S12M-W
MSCU01-24S15M
MSCU01-24S15M-W
MSCU01-24D12M
MSCU01-24D12M-W
MSCU01-24D15M
MSCU01-24D15M-W



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com