Electronic Components Datasheet Search
  English  ▼

X  

MSCU01M Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MSCU01M
Description  DC/DC CONVERTER 1W
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSCU01M Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MSCU01M Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSCU01M Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSCU01M SERIES
DC/DC CONVERTER 1W, Reinforced Insulation, Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2017/12/18 REV:2
Page 1 of 5
FEATURES
►Industrial Standard SMD Package
►I/O Isolation 4000VAC with Reinforced Insulation, rated for 250Vrms
Working Voltage
►Low Leakage Current < 2μA
►Operating Ambient Temp. Range -40℃ to 95℃
►Short Circuit Protection
►Medical EMC Standard meets 4th Edition of EMI EN55011 and
EMS EN60601-1-2
►Medical Safety meets 2xMOPP per 3rd Edition of IEC/EN 60601-1 &
ANSI/AAMI ES60601-1 with CE Marking
PRODUCT OVERVIEW
The MINMAX MSCU01M series is a new range of medical approved 1W isolated dc-dc converter within enclosed SMD-14 package which specifically
design for medical applications. There are 15 models available for input voltage of 5, 12, 24VDC and 5, 12, 15, ±12, ±15VDC output. The I/O isolation is
specified for 4000VAC with reinforced insulation, which rated for 250Vrms working voltage. Further features include short circuit protection, low leakage
current 2μA max. and operating ambient temp. range by -40℃ to 95℃ without derating. MSCU01M series conform to 4th edition medical EMC standard,
medical safety approval meets 2xMOPP (Means Of Patient Protection) per 3rd edition of IEC/EN 60601-1 & ANSI/AAMI ES60601-1.
The MSCU01M series offer a economical solution for demanding application in medcial instrument requesting a certified supplementary and reinforced
insulation system to comply with latest medcial safety approval for 2xMOPP requirement.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
Min.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
μF
%
MSCU01-05S05M
5
(4.5 ~ 5.5)
5
200
4
263
50
220
76
MSCU01-05S12M
12
84
1.68
252
80
MSCU01-05S15M
15
68
1.36
246
83
MSCU01-05D12M
±12
±42
±0.84
252
100#
80
MSCU01-05D15M
±15
±33
±0.66
236
84
MSCU01-12S05M
12
(10.8 ~ 13.2)
5
200
4
110
35
220
76
MSCU01-12S12M
12
84
1.68
106
79
MSCU01-12S15M
15
68
1.36
106
80
MSCU01-12D12M
±12
±42
±0.84
106
100#
79
MSCU01-12D15M
±15
±33
±0.66
103
80
MSCU01-24S05M
24
(21.6 ~ 26.4)
5
200
4
55
20
220
76
MSCU01-24S12M
12
84
1.68
53
80
MSCU01-24S15M
15
68
1.36
53
80
MSCU01-24D12M
±12
±42
±0.84
53
100#
80
MSCU01-24D15M
±15
±33
±0.66
52
80
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Voltage Range
5V Input Models
4.5
5
5.5
VDC
12V Input Models
10.8
12
13.2
24V Input Models
21.6
24
26.4
Input Surge Voltage (1 sec. max.)
5V Input Models
-0.7
---
9
12V Input Models
-0.7
---
18
24V Input Models
-0.7
---
30
Input Filter
All Models
Internal Capacitor


Similar Part No. - MSCU01M

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MSC ADAM-TECH-MSC Datasheet
154Kb / 1P
.100 MINI SHUNTS .100 [2.54] CENTERLINE
logo
Arch Electronics Corp.
MSC ARCH-MSC Datasheet
503Kb / 6P
AC-DC Medical
logo
MERITEK ELECTRONICS COR...
MSC MERITEK-MSC Datasheet
286Kb / 4P
Safety Chip Capacitors
logo
Neutrik AG
MSC NEUTRIK-MSC Datasheet
6Mb / 24P
Circular Connectors
2019/07-V20
logo
TE Connectivity Ltd
MSC TEC-MSC Datasheet
1Mb / 16P
Passive Components
August 2007
More results

Similar Description - MSCU01M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS1T5-5 STMICROELECTRONICS-GS1T5-5 Datasheet
169Kb / 2P
1W DC-DC CONVERTER
Jun-1994
logo
Power Systems GmbH+Co.K...
PUS-0505 POWER-SYSTEMS-PUS-0505 Datasheet
316Kb / 9P
DC-DC Converter UNIT 1W UNREGULATED DC-DC CONVERTER
logo
Minmax Technology Co., ...
MFPU01H MINMAX-MFPU01H Datasheet
746Kb / 3P
DC/DC CONVERTER 1W
MFU100 MINMAX-MFU100_15 Datasheet
600Kb / 4P
DC/DC CONVERTER 1W
logo
Bothhand USA, LP.
SM1-LF-SERIES BOTHHAND-SM1-LF-SERIES Datasheet
178Kb / 2P
1W Isolated DC/DC Converter
SM1L-LF-SERIES BOTHHAND-SM1L-LF-SERIES Datasheet
187Kb / 2P
1W Isolated DC/DC Converter
ST1-LF-SERIES BOTHHAND-ST1-LF-SERIES Datasheet
186Kb / 2P
1W Isolated DC/DC Converter
ST1L-LF-SERIES BOTHHAND-ST1L-LF-SERIES Datasheet
179Kb / 2P
1W Isolated DC/DC Converter
B1LF BOTHHAND-B1LF Datasheet
308Kb / 2P
1W Isolated DC/DC Converter
logo
Minmax Technology Co., ...
MAU01M MINMAX-MAU01M Datasheet
404Kb / 3P
DC-DC CONVERTER 1W
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com