Electronic Components Datasheet Search
  English  ▼

X  

HB03 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # HB03
Description  Compact In-line Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

HB03 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  HB03 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB-0327-2
JAE PMK Div. Proprietary. Copyright © 2019, Japan Aviation Electronics Industry, Ltd.
2/6
General Specifications
Number of Positions
2, 4, 8 (specs common over all positions)
Rated Current
(per position)
Contact Size
Wire Size
Current Value
#28
AWG#30
1A
AWG#28
1A
#24
AWG#26
2A
AWG#24
2A
Rated Voltage
250 VAC, 250 VDC
(Voltage category: II, Pollution level: 2)
Applicable Cables
Contact Size
Wire Size
Insulation Outer
Diameter
#28
AWG#30 ~ 28
φ0.6 ~ 1.2mm
#24
AWG#26 ~ 24
φ0.9 ~ 1.5mm
Contact Resistance
10 mΩ max. (initial), 20 mΩ max. (post-test)
Insulation
Resistance
1000MΩ min. (initial), 1000MΩ min. (post-test)
Dielectric
Withstanding
Voltage
1,500 VAC (for 1 minute)
Terminal Retention
Strength
3 N min.
Durability
100 cycles
Operating
Temperature Range
-25 ºC to +105 ºC
(including temperature rise)
UL Recognition
UL Recognized Product
UL/ cUL: File No. E67741 (Note 1)
Note 1: UL/cUL recognized for 2 and 4 positions, with 8 position to be recognized
during 2019.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com