Electronic Components Datasheet Search
  English  ▼

X  

HB03 Datasheet(PDF) 3 Page - Japan Aviation Electronics Industry, Ltd.

Part # HB03
Description  Compact In-line Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

HB03 Datasheet(HTML) 3 Page - Japan Aviation Electronics Industry, Ltd.

  HB03 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. HB03 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MB-0327-2
JAE PMK Div. Proprietary. Copyright © 2019, Japan Aviation Electronics Industry, Ltd.
3/6
#28 socket contact: HB03S12K6A1
#24 socket contact: HB03S12K5A1
#28 pin contact: HB03P12K6A1
#24 pin contact: HB03P12K5A1
2 pos. pin housing: HB03P002PZ1
4 pos. pin housing: HB03P004PZ1
8 pos. pin housing: HB03P008PZ1
Ordering Information
Pin Housing
Pin Contact
Marking
Marking
2 pos. socket housing: HB03S002SZ1
4 pos. socket housing: HB03S004SZ1
8 pos. socket housing: HB03S008SZ1
Socket Housing
Socket Contact



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com