Electronic Components Datasheet Search
  English  ▼

X  

TLN212F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLN212F
Description  INFRARED LIGHT-EMISSION DIODE FOR STILL CAMERA LIGHT SOURCE FOR AUTO FOCUS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN212F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLN212F Datasheet HTML 1Page - Toshiba Semiconductor TLN212F Datasheet HTML 2Page - Toshiba Semiconductor TLN212F Datasheet HTML 3Page - Toshiba Semiconductor TLN212F Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TLN212(F)
2004-01-06
3
IF – Ta
Ambient temperature Ta (°C)
60
0
0
20
40
60
80
40
20
40
0
0
400
800
20
30
10
200
600
Radiation Pattern
(typ.)
Ta = 25°C
Relative intensity
IFP – VFP
(typ.)
Pulse forward voltage VFP (V)
800
0
0
600
400
200
1
2
3
Ta = 60°
−20°
25°
0
0.2
0.4
0.6
0.8
1.0
0°
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
φe – IFP
(typ.)
Pulse forward current IFP (mA)
60°
Ta = −20°C
25°
1.0
0
820
0.8
0.6
0.4
0.2
840
860
880
900
920
940
Wavelength Characteriistic
(typ.)
Wave length λ (nm)
IF = 50mA
Ta = 25°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com