Electronic Components Datasheet Search
  English  ▼

X  

LM137HV Datasheet(PDF) 4 Page - Silicon Supplies

Part # LM137HV
Description  Linear Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM137HV Datasheet(HTML) 4 Page - Silicon Supplies

  LM137HV Datasheet HTML 1Page - Silicon Supplies LM137HV Datasheet HTML 2Page - Silicon Supplies LM137HV Datasheet HTML 3Page - Silicon Supplies LM137HV Datasheet HTML 4Page - Silicon Supplies LM137HV Datasheet HTML 5Page - Silicon Supplies LM137HV Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
www.siliconsupplies.com
Linear Voltage Regulator – LM137HV
Rev 1.1
30/05/19
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
RMS Output Noise,
% of VOUT
eN
10 Hz ≤ f ≤ 10 kHz
TJ = 25°C
-
0.003
-
%
CADJ 0µF
-
60
-
Ripple Rejection
Ratio
RR
VOUT = -10V,
f =120 Hz
CADJ 10µF
66
77
-
dB
Long Term Stability
-
TA = 125°C, 1000 hrs
-
0.3
1
%
Thermal Resistance
3
RθJC
TLOW ≤ TJ ≤ THIGH
-
2.3
3
°C/W
3. Assembled in TO-3 package using eutectic die attach. Die form performance is dependent on die attach, substrate choice &
assembly method.
DC Electrical Characteristics V
lN -VOUT = 5V, lOUT = 0.5A, -55°C ≤ TJ +150°C, PD ≤ 20W, IMAX = 1.5A (unless noted otherwise)
Typical Electrical Characteristics, T
J = 25°C (unless noted otherwise)
Figure 1 – Load Regulation
Figure 2 – Current Limit
Figure 3 – Adjustment Pin Current
Figure 4 – Dropout Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com