Electronic Components Datasheet Search
  English  ▼

X  

LM137HV Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM137HV
Description  Linear Voltage Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM137HV Datasheet(HTML) 2 Page - Silicon Supplies

  LM137HV Datasheet HTML 1Page - Silicon Supplies LM137HV Datasheet HTML 2Page - Silicon Supplies LM137HV Datasheet HTML 3Page - Silicon Supplies LM137HV Datasheet HTML 4Page - Silicon Supplies LM137HV Datasheet HTML 5Page - Silicon Supplies LM137HV Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Page 2 of 6
www.siliconsupplies.com
d
Linear Voltage Regulator – LM137HV
Rev 1.1
30/05/19
Typical Application
CI is required if the regulator is located an appreciable distance from power supply filter. CO is required for
stability. For optimum stability and transient response locate CI CO as close as possible to the regulator.
Pad Layout and Functions
-VOUT = -1.25V (1 +
) + [-IADJ (R2)]
R2
120Ω
1.2V – 47V Adjustable Regulator
IADJ tolerance <100µA
-VOUT
LM137HV
CI
1µf
CO
1µf
-VIN
ADJ
R1
120Ω
R2
VIN
VOUT
2180µm (85.83 mils)
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
ADJ
2420
1905
2
VIN
565
1560
3
VOUT
80
1915
4
VOUT
85
980
5
VIN
570
320
6
VOUT
1240
795
7
NC
1670
160
8
NC
1760
160
9
NC
1880
160
10
NC
2000
160
11
NC
2120
160
CONNECT CHIP BACK TO VIN
0,0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com