Electronic Components Datasheet Search
  English  ▼

X  

BZX55C2V4 Datasheet(PDF) 3 Page - Silicon Supplies

Part # BZX55C2V4
Description  Silicon Planar Zener diode in bare die form ??5% tolerance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

BZX55C2V4 Datasheet(HTML) 3 Page - Silicon Supplies

  BZX55C2V4 Datasheet HTML 1Page - Silicon Supplies BZX55C2V4 Datasheet HTML 2Page - Silicon Supplies BZX55C2V4 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 
 
 
Page 3 of 3 
www.siliconsupplies.com
Zener Impedance Versus Operating Current - ZZ Versus IZ
IZ – Zener Current mA
VZ = 5.1V
VZ = 3.3V
VZ = 33V
VZ = 12V
TA = 25°C
Typical Electrical Characteristics
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With
respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon
Supplies Ltd hereby disclaims any and all warranties and liabilities of any kind.
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or
system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human
body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.
 
0.5W, 5mA IZT , Bare Die Zener Diode  
Rev 1.0
07/07/17



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com